Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM82 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM82 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM82 Datasheet HTML 3Page - National Semiconductor (TI) LM82 Datasheet HTML 4Page - National Semiconductor (TI) LM82 Datasheet HTML 5Page - National Semiconductor (TI) LM82 Datasheet HTML 6Page - National Semiconductor (TI) LM82 Datasheet HTML 7Page - National Semiconductor (TI) LM82 Datasheet HTML 8Page - National Semiconductor (TI) LM82 Datasheet HTML 9Page - National Semiconductor (TI) LM82 Datasheet HTML 10Page - National Semiconductor (TI) LM82 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Logic Electrical Characteristics (Continued)
SMBus TIMEOUT
10129707
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VCC), the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four.
Parasitic components and or ESD protection circuitry are shown in the figure below for the LM82’s pins. The nominal breakdown voltage of the zener D3 is 6.5 V.
Care should be taken not to forward bias the parasitic diode, D1, present on pins: D+, D−, ADD1 and ADD0. Doing so by more than 50 mV may corrupt a temperature
or voltage measurement.
Pin Name
D1
D2
D3
D4
Pin Name
D1
D2
D3
D4
NC (pins1&5)
T_CRIT_A & INT
x
V
CC
x
SMBData
x
x
D+
x
x
x
NC (pins9&15)
x
x
x
D−
xxxx
SMBCLK
x
x
ADD0, ADD1
x
x
x
NC (pin 13)
x
x
Note: An x indicates that the diode exists.
Note 3: See the section titled “Surface Mount” found in a current National Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: Thermal resistance of the QSOP-16 package is 130˚C/W, junction-to-ambient when attached to a FR-4 printed circuit board with 1 oz. foil as shown in
Figure 3 .
Note 6: Typicals are at TA = 25˚C and represent most likely parametric norm.
10129713
FIGURE 1. ESD Protection Input Structure
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com