Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDAXXWY Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDAXXWY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXXWY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDAXXWY Datasheet HTML 2Page - STMicroelectronics ESDAXXWY Datasheet HTML 3Page - STMicroelectronics ESDAXXWY Datasheet HTML 4Page - STMicroelectronics ESDAXXWY Datasheet HTML 5Page - STMicroelectronics ESDAXXWY Datasheet HTML 6Page - STMicroelectronics ESDAXXWY Datasheet HTML 7Page - STMicroelectronics ESDAXXWY Datasheet HTML 8Page - STMicroelectronics ESDAXXWY Datasheet HTML 9Page - STMicroelectronics ESDAXXWY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
SOT323-3L package information
•
Epoxy meets UL 94,V0
•
Lead-free package
Figure 14. SOT323-3L package outline
L
H
c
b
E
e
θ
A
A1
D
Table 4. SOT323-3L package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.000
0.003
b
0.25
0.40
0.0098
0.0157
c
0.10
0.26
0.003
0.0102
D
1.80
2.00
2.20
0.070
0.078
0.086
E
1.15
1.25
1.35
0.0452
0.0492
0.0531
e
0.60
0.65
0.70
0.024
0.026
0.028
H
1.80
2.10
2.40
0.070
0.082
0.094
L
0.10
0.20
0.30
0.004
0.008
0.012
ϴ
0
30°
0
30°
1. Values in inches are converted from mm and rounded to 3 or 4 decimal digits.
ESDAxxWY
Package information
DS14779 - Rev 1
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com