Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F301X6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F301X6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 61Page - STMicroelectronics STM32F301X6 Datasheet HTML 62Page - STMicroelectronics STM32F301X6 Datasheet HTML 63Page - STMicroelectronics STM32F301X6 Datasheet HTML 64Page - STMicroelectronics STM32F301X6 Datasheet HTML 65Page - STMicroelectronics STM32F301X6 Datasheet HTML 66Page - STMicroelectronics STM32F301X6 Datasheet HTML 67Page - STMicroelectronics STM32F301X6 Datasheet HTML 68Page - STMicroelectronics STM32F301X6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 141 page
background image
DS9895 Rev 8
65/141
STM32F301x6 STM32F301x8
Electrical characteristics
115
Table 32. Typical and maximum VDDA consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD = VDDA)Max(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDDA
Supply
current in
Stop mode
Regulator in run/low-
power mode, all
oscillators OFF
1.70 1.83 1.95 2.08 2.22 2.37 3.40
5.30
5.5
µA
Supply
current in
Standby
mode
LSI ON and IWDG ON 2.08 2.25 2.41 2.59 2.79 3.01
-
-
-
LSI OFF and IWDG
OFF
1.59 1.72 1.83 1.96 2.10 2.25 2.80
2.90
3.60
Supply
current in
Stop mode
Regulator in run/low-
power mode, all
oscillators OFF
0.99 1.01 1.04 1.09 1.14 1.21
-
-
-
Supply
current in
Standby
mode
LSI ON and IWDG ON 1.36 1.43 1.50 1.60 1.72 1.85
-
-
-
LSI OFF and IWDG
OFF
0.87 0.89 0.92 0.97 1.02 1.09
-
-
-
1. Guaranteed by characterization results.
Table 33. Typical and maximum current consumption from VBAT supply
Symbol
Para
meter
Conditions
(1)
Typ.@VBAT
Max.
@VBAT= 3.6V(2)
TA (°C)
Unit
1.65V 1.8V
2V
2.4V 2.7V
3V
3.3V 3.6V
25
85
105
IDD_VBAT
Backup
domain
supply
current
LSE & RTC
ON; “Xtal
mode”
lower
driving
capability;
LSEDRV[1:
0] = '00'
0.41
0.43 0.46 0.54
0.59 0.66 0.74 0.82
-
-
-
µA
LSE & RTC
ON; “Xtal
mode”
higher
driving
capability;
LSEDRV[1:
0] = '11'
0.65
0.68 0.73 0.80
0.87 0.95 1.03 1.14
-
-
-
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com