Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9DA00MF Datasheet(PDF) 42 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 42 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 38Page - Rohm BD9DA00MF Datasheet HTML 39Page - Rohm BD9DA00MF Datasheet HTML 40Page - Rohm BD9DA00MF Datasheet HTML 41Page - Rohm BD9DA00MF Datasheet HTML 42Page - Rohm BD9DA00MF Datasheet HTML 43Page - Rohm BD9DA00MF Datasheet HTML 44Page - Rohm BD9DA00MF Datasheet HTML 45Page - Rohm BD9DA00MF Datasheet HTML 46Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
42/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Application Characteristic Data (Reference Data) – continued
Figure 83. Switching Frequency vs Input Voltage
(VOUT = 1.2 V, IOUT = 6 A, fSW = 1 MHz, Forced CCM)
Figure 84. Frequency Characteristics
(VIN = 12 V, VOUT = 1.2 V, IOUT = 6 A, fSW = 1 MHz,
Forced CCM)
Figure 85. Load Transient Response
(VIN = 12 V, VOUT = 1.2 V, fSW = 1 MHz, Forced CCM,
IOUT = 3 A to 9 A : 1 A/μs)
Figure 86. Output Ripple Voltage
(VIN = 12 V, VOUT = 1.2 V, fSW = 1 MHz, IOUT = 6 A,
Forced CCM)
0
200
400
600
800
1000
1200
4
6
8
10
12
14
16
VIN [V]
-180
-135
-90
-45
0
45
90
135
180
-80
-60
-40
-20
0
20
40
60
80
1k
10k
100k
1M
Frequency [Hz]
VOUT 50 mV/div
IOUT 3 A/div
100 μs/div
VOUT 50 mV/div
SW 10 V/div
1 μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com