Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9DA00MF-E2 Datasheet(PDF) 21 Page - Rohm

Part # BD9DA00MF-E2
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF-E2 Datasheet(HTML) 21 Page - Rohm

Back Button BD9DA00MF-E2 Datasheet HTML 17Page - Rohm BD9DA00MF-E2 Datasheet HTML 18Page - Rohm BD9DA00MF-E2 Datasheet HTML 19Page - Rohm BD9DA00MF-E2 Datasheet HTML 20Page - Rohm BD9DA00MF-E2 Datasheet HTML 21Page - Rohm BD9DA00MF-E2 Datasheet HTML 22Page - Rohm BD9DA00MF-E2 Datasheet HTML 23Page - Rohm BD9DA00MF-E2 Datasheet HTML 24Page - Rohm BD9DA00MF-E2 Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
1. Basic Operation – continued
(3) Soft Start
When the EN Voltage (VEN) goes high, the soft start function operates and the output voltage gradually rises. This soft
start function can prevent overshoot of the output voltage and excessive inrush current. The soft start time tSS can be
set by connecting a capacitor to the SS/REF pin. For the setting method, refer to Selection of Components Externally
Connected 4. Soft Start Capacitor.
Figure 40. Soft Start Timing Chart
0 V
VEN
VOUT
0 V
0 V
VIN
0 V
VFB
0 V
VPGD
VREF x 92.5 %
tSS
0.6 V
(Typ)
0.15 ms (Typ)
0.9 ms (Typ)
0 V
VSSREF
0.6 V
(Typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com