Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VGSOT05C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VGSOT05C
Description  Two-Line ESD Protection Diode in SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VGSOT05C Datasheet(HTML) 2 Page - Vishay Siliconix

  VGSOT05C Datasheet HTML 1Page - Vishay Siliconix VGSOT05C Datasheet HTML 2Page - Vishay Siliconix VGSOT05C Datasheet HTML 3Page - Vishay Siliconix VGSOT05C Datasheet HTML 4Page - Vishay Siliconix VGSOT05C Datasheet HTML 5Page - Vishay Siliconix VGSOT05C Datasheet HTML 6Page - Vishay Siliconix VGSOT05C Datasheet HTML 7Page - Vishay Siliconix VGSOT05C Datasheet HTML 8Page - Vishay Siliconix VGSOT05C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VGSOT03C to VGSOT36C
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 13-Feb-2025
2
Document Number: 86325
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DATA
DEVICE
NAME
PACKAGE
NAME
TYPE
CODE
ENVIRONMENTAL
STATUS
WEIGHT
MOLDING
COMPOUND
FLAMMABILITY
RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
VGSOT03C
SOT-23
H03
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
VGSOT04C
SOT-23
H04
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
VGSOT05C
SOT-23
H05
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
VGSOT08C
SOT-23
H08
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
VGSOT12C
SOT-23
H12
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
VGSOT15C
SOT-23
H15
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
VGSOT22C
SOT-23
H22
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
VGSOT24C
SOT-23
H24
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
VGSOT36C
SOT-23
H36
Green
9.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
ABSOLUTE MAXIMUM RATINGS VGSOT03C (Tamb = 25 °C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
tp = 8/20 μs acc. IEC 61000-4-5; single shot
IPPM
44
A
tp = 10/1000 μs; single shot
6
A
Peak pulse power
tp = 8/20 μs acc. IEC 61000-4-5; single shot
PPP
540
W
tp = 10/1000 μs; single shot
44
W
ESD immunity
Air and contact discharge acc. ISO 10605
(330 pF / 330
); 10 pulses
VESD
± 30
kV
Air and contact discharge acc. IEC 61000-4-2
(150 pF / 330
); 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS VGSOT04C (Tamb = 25 °C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
tp = 8/20 μs acc. IEC 61000-4-5; single shot
IPPM
40
A
tp = 10/1000 μs; single shot
5
A
Peak pulse power
tp = 8/20 μs acc. IEC 61000-4-5; single shot
PPP
540
W
tp = 10/1000 μs; single shot
44
W
ESD immunity
Air and contact discharge acc. ISO 10605
(330 pF / 330
); 10 pulses
VESD
± 30
kV
Air and contact discharge acc. IEC 61000-4-2
(150 pF / 330
); 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com