Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6280 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 4 Page - STMicroelectronics

  L6280 Datasheet HTML 1Page - STMicroelectronics L6280 Datasheet HTML 2Page - STMicroelectronics L6280 Datasheet HTML 3Page - STMicroelectronics L6280 Datasheet HTML 4Page - STMicroelectronics L6280 Datasheet HTML 5Page - STMicroelectronics L6280 Datasheet HTML 6Page - STMicroelectronics L6280 Datasheet HTML 7Page - STMicroelectronics L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ELECTRICAL CHARACTERISTICS (VS = 20V; Tj =25
°C; VSS = 5V; VDHS =15V; RO =165KΩ;
CO =680pF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IDSS
Leakage Current
Fig. 1 VDS = 60V
2
mA
Vs
Power Supply Voltage
Note 1,2
>VPF
48
V
VINL
Low Level Input Voltage
-0.3
1.35
V
IINL
Low Level Input Current
-10
µA
VINH
High Level Input Voltage
3.15
VSS
V
IINH
High Level Input Current
10
µA
VROUT
Low Level Reset Out
I16 = 1.5mA
0.8
V
VPF
Power Supply Fail Voltage
(Fig. 2)
13
V
IS
Quiescent Supply Current
VS = 12V
4.5
6
7.5
mA
VSS
Logic Supply Voltage
4.75
5
5.25
V
ISS(IN)
Logic Supply Current
4.5
6
7.5
mA
ISS(OUT)
SMPS Out Current Range
Note 3
800
mA
fosc
Oscillator Frequency
64
80
96
KHz
f1
SMPS and CH3 Frequency
fosc
KHz
f1max
Max SMPS Switching Frequency
120
KHz
f2
PWM Frequency
fosc/2
KHz
f3
High Side Driver Switching
Frequency
fosc/4
KHz
TSD
Thermal Shutdown
125
150
°C
tWD
Monostable Watchdog Time
CWD = 0.22
µF (Note 4)
6.6
ms
tD
Reset Delay Time
CD = 0.22
µF; Fig.2 (Note 5)
15.4
ms
RON
ON State Drain Resistance
Transistor LSD CH1 - CH2
HSD CH1 - CH2
LSD CH3
HSD CH3
SMPS
Fig 3; 4ab
2
1.1
0.5
0.5
1
2.4
1.4
0.8
0.8
1.2
SENSE
Internal Sense LOW-Pass Filter
300
500
ns
Vref
DAC Reference Voltage
D0=D1=D2 =1 (Table 1)
1
V
DAC
DAC Resolution (3 Bit)
(See Table 1)
Vref/8
V
tC
Discarge Time of Cosc
Capacitor (Minimum TON)
(Note 6)
0.4
µs
VDHS
HSD Gates Voltage Drive
13
15
17
V
IDHS
Pin 13 Overage Input Current
3
mA
ISS (OUT) max
SMPS Overload Protection
Current
1.2
A
VDLS
Pin 21 Overage Input Voltage
12
V
VSSF
Logic VSS Fail Threshold Voltage
(Fig. 2)
2.6
4.1
V
VFHSD (1;2)
Internal Clamp Diode Forward
Voltage CH1/CH2
@IDS = 0.4A (Fig. 5)
1.2
V
VFLSD
(1AB;2AB)
Internal Clamp Diode Forward
Voltage CH1/CH2
@IDS = 0.4A (Fig. 5)
1.4
V
VFHSD
Internal Clamp Diode Forward
Voltage CH3
@IDS = 1A (Fig. 5)
1.1
V
L6280
4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com