Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFC0402-R009FT5 Datasheet(PDF) 2 Page - TT Electronics.

Part # MFC0402-R009FT5
Description  Metal Foil on Ceramic Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MFC0402-R009FT5 Datasheet(HTML) 2 Page - TT Electronics.

  MFC0402-R009FT5 Datasheet HTML 1Page - TT Electronics. MFC0402-R009FT5 Datasheet HTML 2Page - TT Electronics. MFC0402-R009FT5 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Metal Foil on Ceramic Chip Resistors
MFC Series
10.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Test
Maximum
Operational Life
MIL-STD-202 Method 108
1000 hours, steady state, T
A=125°C
at de-rated power
±ΔR%
1
Short Term Overload
IEC-60115-1
4.13
Pr<2W; 5 x Pr for 5 seconds
Pr=2W; 4 x Pr for 5 seconds
±ΔR%
1
Biased Humidity
MIL-STD-202 Method 103
1000 hours, 85°C, 85%RH, 10% of Pr
±ΔR%
1
High Temperature Exposure
MIL-STD-202 Method 108
1000 hours, 155°C
±ΔR%
0.5
Operation at Low Temperature
IEC-60115-1
4.36
-55°C, 45 mins Pr, 15 mins no load
±ΔR%
1
Temperature Rapid Change
IEC-60115-1
4.19
-55°C to +155°C, 5 cycles
±ΔR%
1
Voltage Proof
IEC-60115-1
4.7
1.42 x max operating voltage for 1 minute
±ΔR%
No breakdown
or flashover
Board Flex
JIS-C-521-1
4.33
3mm deflection for 5 seconds
±ΔR%
1
Solderability
IEC-60115-1
4.17
245±5°C for 3 seconds
>95% coverage
Resistance to Solder Heat
MIL-STD-202 Method 210
260±5°C for 10 seconds
±ΔR%
1
Leaching
JIS-S-5201-1 4.18
IEC-60068-2-58 8.2.1
260±5°C for 30 seconds
±ΔR%
>90% coverage
Resistance to Solvents
MIL-STD-202 Method 215
Aqueous wash OKEM or equivalent.
No banned solvents.
No damage
Performance Data
Thermal Performance Data
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
06.18
High Pulse Double-Sided
Chip Resistors
HDSC Series
1
2
H D S C 2 5 1 2
- 1 0 K J T 1 8
Thermal Performance Data
Packaging
0603, 0805 and 1206 resistors are supplied on 8mm carrier tape and 2010 and 2512 resistors are supplied on 12 mm carrier tape,
all on 7 inch reels as per IEC 286-3.
ApplicationNotes
HDSC resistors are ideally suited for handling by automatic
methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by reflow
or wave soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
HDSC can be immersed in the solder bath for 30 seconds
at 260°C. This enables the resistor to be mounted on one
side
Ordering Procedure
of a printed circuit board and wire-leaded components
applied on the other side. HDSC is compatible with
typicalPb-freesolderingmaterialsandtemperature
profiles.
HDSC resistors themselves can operate at a maximum
temperature of 155°C. For soldered resistors, the joint
temperature should not exceed 110°C. This condition is met
when the stated power levels at 70°C and recommended pad
and trace areas are used. Pad and trace area is defined as
the total area of the solder pad plus all copper trace within two
squares of the edge of the solder pad. Allowance should be made
if smaller areas of copper are used.
Example: HDSC2512-10KJT18 (HDSC2512, 10 kilohms ±5%, Pb-free)
3
4
5
1
Type
2
Size
3
4
Tolerance
5
Termination & Packing
HDSC 0603
E24 = 3/4 characters
R = ohms
K = kilohms
M = megohms
J = ±5%
Standard Pb-free finish
0805
K = ±10%
T3
0805
3000/reel standard
1206
M = ±20%
1206
2010
2010
2512
T18
2512
1800/reel standard
T1 All sizes
1000/reel available
SnPb finish
PB All sizes Standard quantities as for Pb-free



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com