| Electronic Components Datasheet Search |
|
U2000/1B Datasheet(PDF) 6 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
U2000/1B Datasheet(HTML) 6 Page - Keysight Technologies |
|
6 / 26 page ![]() Take a Closer Look Diode-based sensors frequently rely on the application of correc- tion factors to extend their dynamic range beyond their square-law region, typically in the range of –70 to –20 dBm. While this technique achieves measurement of CW signals over a wide dynamic range, it fails to do so for modulated signals when the signal level is above the square-law region. Modulated signals must be padded down, with their average and peak power levels within the diode square-law region, for accurate aver- age power measurement. The U2000 Series USB power sensors are true-average, wide-dynamic- range RF/microwave power sensors, based on a dual-sensor diode pair/ attenuator/diode pair topology as proposed by Szente et. al. in 19901. The simplified block diagram shown here illustrates this technique. This technique ensures diodes in the selected signal path are kept in their square law region—with output cur- rent and voltage proportional to input power. The diode pair/attenuator/ 1. US Patent #4943764, assigned to Hewlett-Packard Company 2. November 1986 Hewlett-Packard Journal pages 14-2, “Diode Integrated Circuits for Millimeter-Wave Applications” 3. Refer to “Maximum Power” on page 9 for maximum power handling specifications RF in Low Sense+ Low Sense– High Sense+ High Sense– diode pair assembly can then yield the average of complex modulation formats across a wide dynamic range, irrespective of signal bandwidth. The dual-range Modified Barrier Integrated Diode (MBID)2 package incorporates diode stacks in place of single diodes. This further improves measurement accuracy of high-level signals with high crest factors with- out incurring damage3 to the sensor. Implementation of both techniques in the U2000 Series USB sensors enable effective average power mea- surements of a wide range of signals, including multitone and spread spec- trum signals used in CDMA, W-CDMA and digital television sytems. Built-in triggering port for synchronization with external instruments or events LED indicator for PC communication Small and lightweight build Secure locking mechanism USB 2.0-compliant cable for connection to PC or other instruments 06 | Keysight | U2000 Series USB Power Sensors - Data Sheet |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |