Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6285 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6285
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6285 Datasheet HTML 6Page - STMicroelectronics L6285 Datasheet HTML 7Page - STMicroelectronics L6285 Datasheet HTML 8Page - STMicroelectronics L6285 Datasheet HTML 9Page - STMicroelectronics L6285 Datasheet HTML 10Page - STMicroelectronics L6285 Datasheet HTML 11Page - STMicroelectronics L6285 Datasheet HTML 12Page - STMicroelectronics L6285 Datasheet HTML 13Page - STMicroelectronics L6285 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Oscillator For Clock and Reset Generation
The oscillator block provides for two functions:
1)Generate an internal reset signal when the
voltage at pin osc/res is below 1V. The reset
signal switches off all the outputs and resets
the logic registers.
2)Generate, when the pin osc/res is left free two
syncro signals p1 and p2 for the clock of the
PWM Current Control of the two stepper
driver blocks
The oscillator operates like the 555 concept in
which the capacitor voltage oscillates between
1/3VS 2/3VS (Fig. 6). The oscillator frequency is 2
times the chopping frequency in order to generate
the two syncro signals at operative 20KHz PWM.
The tCH = charge time of Cosc is defined by Rosc,
VTH1 and VTH2 ( threshold voltages)and Cosc.
The discharge time Tdsc is practically only defined
by Cosc and the internal discarge resistor Rdsc.
The tdsc is also the time lockout during which the
RS FF cannot read the Comparator output (see
Fig. 4)
Figure 6: Oscillator Concept
L6285
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com