Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6287 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6287
Description  POWER COMBO DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6287 Datasheet(HTML) 5 Page - STMicroelectronics

  L6287 Datasheet HTML 1Page - STMicroelectronics L6287 Datasheet HTML 2Page - STMicroelectronics L6287 Datasheet HTML 3Page - STMicroelectronics L6287 Datasheet HTML 4Page - STMicroelectronics L6287 Datasheet HTML 5Page - STMicroelectronics L6287 Datasheet HTML 6Page - STMicroelectronics L6287 Datasheet HTML 7Page - STMicroelectronics L6287 Datasheet HTML 8Page - STMicroelectronics L6287 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Tj = 0 to125
°C; VCC =VS =5V ±5%; VDC =VDL =VDD = 10 to 18V;
unless otherwise specified.)
POWER SUPPLY
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
(#)VDD
Drum Power Supply Voltage
10
18
V
(#)VDC
Capstan Power Supply Voltage
10
18
V
(#)VDL
Loading Power Supply Voltage
10
18
V
VCC
Logic Power Supply Voltage
4.5
5.5
V
VS
Sensor Power Supply Voltage
4.75
5.25
V
VCCth
Undervoltage Threshold
3.6
4.4
V
# WARNING
The functionality of the I.C. is guaranted in this voltage range. Nevertheless the specified operating voltages (VDC,VDD,VDL), must be selected
according to the load characteristics. Proper cautions must be taken in the application in order to assure that the drain-source voltage across
each output power transistor does not exceed 20V max.
LOADING MOTOR
ACTIVATION TRUTH TABLE
INPUT
OUTPUT
LPWM
LDIR
LOUTA
LOUTB
0
0
LOW
LOW
0
1
LOW
LOW
1
0
HIGH
LOW
1
1
LOW
HIGH
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RDSH
High Side RDSonH
2
Ω
RDSL
Low Side RDSonL
2
Ω
(*)IOL
DC Output Current
800
mA
(*)Ipl
Peak Output Current
DUTY CYCLE = 10%;
tON =500ms
1A
DRUM MOTOR
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Icd
DC Output Current
400
mA
(*)Icdp
Peak Output Current
600
mA
(*)Ipdb
Peak Output Current
DUTY CYCLE = 10%;
tON = 500ms
800
mA
RDSH
High Side RDSonH
1.6
Ω
RDSL
Low Side RDSonL
1.6
Ω
CAPSTAN MOTOR
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Ico
DC Output Current
800
mA
(*)Icop
Peak Output Current
1
A
(*)Ipob
Peak Output Current
DUTY CYCLE = 10%;
tON = 1ms
1.5
A
RDSH
High Side RDSonH
1
Ω
RDSL
Low Side RDSonL
1
Ω
(*) WARNING
These current values are compatible with the structure of the IC power structure. Nevertheless the use of these current levels could produce
junction temperatures that force IC outside of the operative range due to the thermal characteristics of the choosen package.
L6287
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com