Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MON565582 Datasheet(PDF) 1 Page - Glamox

Part # MON565582
Description  MONITOR1-S 150 E1/S FR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON565582 Datasheet(HTML) 1 Page - Glamox

  MON565582 Datasheet HTML 1Page - Glamox MON565582 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/15/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
MONITOR1-S 150 E1/S FR
E1 / S means that this item has a built-in emergency light
for minimum 1 hours duration. It is supplied with a standard
emergency controller that needs manual testing according
to European emergency light standards.
Item No.
MON565582
GTIN
5901155655822
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling surface;Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
1.2
Number Of Luminaire MCB 10B
60
Number Of Luminaire MCB 16B
80
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
40
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
147
Lumen Per Watt (lm/W)
122,5
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
D
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
M-NM: Maintained/Non-Maintained
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
S = Standard
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Lumen Out In Emergency (lm)
147
Percentage Light Out In Emergency
100
Battery Type
NiCd
Battery Form
Stick
Battery mAh
800
Battery Voltage (V)
4.8
Battery Sparepart No
SP-MY-413-BD84X1Z
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
GR - Grey
Main Body Colour Name
Grey
Dimensions
Length (mm)
340
Width (mm)
140
Height (mm)
42
Item Net Weight (kg)
0.8924
Logistic Data
Item Gross Weight (kg)
0.97


Similar Part No. - MON565582

ManufacturerPart #DatasheetDescription
logo
Glamox
MON565584 GLAMOX-MON565584 Datasheet
196Kb / 3P
MONITOR1-S 150 E/Z FR
More results

Similar Description - MON565582

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
N-Channel 150-V (D-S) MOSFET
26-May-03
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
P-Channel 150-V (D-S) MOSFET
16-Jul-07
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
N-Channel 150-V (D-S) MOSFET
20-Feb-06
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
N-Channel 150-V (D-S) MOSFET
06-Apr-09
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
P-Channel 150 V (D-S) MOSFET
11-Apr-11
logo
PHOENIX CONTACT
2302146 PHOENIX-2302146 Datasheet
95Kb / 3P
CABLE-D25SUB/B/S/150/KONFEK/S
2302214 PHOENIX-2302214 Datasheet
95Kb / 3P
CABLE-D37SUB/B/S/150/KONFEK/S
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com