Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MON565636 Datasheet(PDF) 1 Page - Glamox

Part # MON565636
Description  MONITOR1-S IP65 GR 150E1/ST LT CL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON565636 Datasheet(HTML) 1 Page - Glamox

  MON565636 Datasheet HTML 1Page - Glamox MON565636 Datasheet HTML 2Page - Glamox MON565636 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/15/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
MONITOR1-S IP65 GR 150
E1/ST LT CL
E1 / ST means that this item has a built-in emergency light
for minimum 1 hour duration. It tests itself according to
European emergency light standards. Indicator LEDs on the
product communicate the test results.
Item No.
MON565636
GTIN
5901155656362
Stock status code
C
Technical specifications
Mounting
Product Mounting
Ceiling surface;Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
1.2
Number Of Luminaire MCB 10B
60
Number Of Luminaire MCB 16B
80
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
40
IK classification
07
IP classification
65
Light Technical Data
Light source
LED
Lumen Out (lm)
160
Lumen Per Watt (lm/W)
133,33
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
D
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
M-NM: Maintained/Non-Maintained
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
ST = Self test
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Lumen Out In Emergency (lm)
160
Percentage Light Out In Emergency
100
Battery Type
NiMh
Battery Form
Stick
Battery mAh
4000
Battery Voltage (V)
4.8
Battery Sparepart No
SP-MY-413-BATLOWT
Battery Termination
NS39


Similar Part No. - MON565636

ManufacturerPart #DatasheetDescription
logo
Glamox
MON565634 GLAMOX-MON565634 Datasheet
164Kb / 3P
MONITOR1-S IP65 GR 150E1/ST CL
More results

Similar Description - MON565636

ManufacturerPart #DatasheetDescription
logo
LEM
LT505-S LEM-LT505-S Datasheet
66Kb / 2P
Current Transducer LT 505-S
LT1005-S LEM-LT1005-S Datasheet
66Kb / 2P
Current Transducer LT 1005-S
LT2005-S LEM-LT2005-S Datasheet
68Kb / 2P
Current Transducer LT 2005-S
LT4000-S LEM-LT4000-S Datasheet
79Kb / 2P
Current Transducer LT 4000-S
LT10000-S LEM-LT10000-S Datasheet
73Kb / 2P
Current Transducer LT 10000-S
logo
Weidmuller
0205700000 WEIDMULLER-0205700000 Datasheet
532Kb / 1P
SAKT 1/LT SAKT 2/LT
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
GR Series
logo
HARTING Technology Grou...
09-00-000-5340 HARTING-09-00-000-5340 Datasheet
459Kb / 2P
ZUGENTLASTUNGSSCHELLE-GR F.KON
2021-10-01
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
LT SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com