Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MON565640 Datasheet(PDF) 1 Page - Glamox

Part # MON565640
Description  MONITOR1-S IP65 GR 150E1/S CL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON565640 Datasheet(HTML) 1 Page - Glamox

  MON565640 Datasheet HTML 1Page - Glamox MON565640 Datasheet HTML 2Page - Glamox MON565640 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/15/2026
The Company reserves the right to change any product specifications without prior notification.
1/3
MONITOR1-S IP65 GR 150
E1/S CL
E1 / S means that this item has a built-in emergency light
for minimum 1 hours duration. It is supplied with a standard
emergency controller that needs manual testing according
to European emergency light standards.
Item No.
MON565640
GTIN
5901155656409
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling surface;Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
1.2
Number Of Luminaire MCB 10B
60
Number Of Luminaire MCB 16B
80
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
40
IK classification
07
IP classification
65
Light Technical Data
Light source
LED
Lumen Out (lm)
160
Lumen Per Watt (lm/W)
133,33
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
M-NM: Maintained/Non-Maintained
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
S = Standard
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Lumen Out In Emergency (lm)
160
Percentage Light Out In Emergency
100
Battery Type
NiCd
Battery Form
Stick
Battery mAh
800
Battery Voltage (V)
4.8
Battery Sparepart No
SP-MY-413-BD84X1Z
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
GR - Grey
Main Body Colour Name
Grey
Dimensions
Length (mm)
356
Width (mm)
156
Height (mm)
60
Item Net Weight (kg)
0.9752
Cable Inlet
Cable Gland
M20-Polyamide
Number of Glands
2


Similar Part No. - MON565640

ManufacturerPart #DatasheetDescription
logo
Glamox
MON565634 GLAMOX-MON565634 Datasheet
164Kb / 3P
MONITOR1-S IP65 GR 150E1/ST CL
MON565636 GLAMOX-MON565636 Datasheet
173Kb / 3P
MONITOR1-S IP65 GR 150E1/ST LT CL
MON565657 GLAMOX-MON565657 Datasheet
180Kb / 3P
MONITOR1-S IP65 GR 150E1/S LT CL
MON565659 GLAMOX-MON565659 Datasheet
168Kb / 3P
MONITOR1-S IP65 GR 150E/Z CL
More results

Similar Description - MON565640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5Q0765RT FAIRCHILD-KA5Q0765RT Datasheet
85Kb / 10P
S P S
KA5H0265R FAIRCHILD-KA5H0265R Datasheet
54Kb / 5P
S P S
logo
Panasonic Semiconductor
2SD893 PANASONIC-2SD893 Datasheet
36Kb / 1P
S
logo
List of Unclassifed Man...
AH288 ETC-AH288 Datasheet
180Kb / 6P
S
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
GR Series
logo
PHOENIX CONTACT
2305619 PHOENIX-2305619 Datasheet
87Kb / 3P
CABLE-D15SUB/S/S/200/KONFEK/S
2305703 PHOENIX-2305703 Datasheet
87Kb / 3P
CABLE-D50SUB/S/S/200/KONFEK/S
logo
HARTING Technology Grou...
09-00-000-5340 HARTING-09-00-000-5340 Datasheet
459Kb / 2P
ZUGENTLASTUNGSSCHELLE-GR F.KON
2021-10-01
logo
Greystone Energy System...
RH100S GREYSTONE-RH100S Datasheet
197Kb / 2P
S/S SURFACE HUMIDITY TRANSMITTER
logo
SMC Diode Solutions Co....
20TQ035 SMCDIODE-20TQ035 Datasheet
451Kb / 6P
20TQ035/S 20TQ040/S 20TQ045/S
Rev. C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com