Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL2228CSZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2228CSZ
Description  Dual Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2228CSZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2228CSZ Datasheet HTML 2Page - Intersil Corporation EL2228CSZ Datasheet HTML 3Page - Intersil Corporation EL2228CSZ Datasheet HTML 4Page - Intersil Corporation EL2228CSZ Datasheet HTML 5Page - Intersil Corporation EL2228CSZ Datasheet HTML 6Page - Intersil Corporation EL2228CSZ Datasheet HTML 7Page - Intersil Corporation EL2228CSZ Datasheet HTML 8Page - Intersil Corporation EL2228CSZ Datasheet HTML 9Page - Intersil Corporation EL2228CSZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Large Signal Step Response
VS = ±2.5V
Large Signal Step Response
VS = ±12V
50ns/div
0.5V/div
50ns/div
0.5V/div
Closed Loop Output Impedance vs Frequency
Group Delay vs Frequency
20
16
12
8
4
0
-4
-8
-12
-16
-20
1M
Frequency (Hz)
100M
10M
100
10
1
0.1
0.01
10k
Frequency (Hz)
100M
1M
10M
100k
200M
AV = 2
AV = 1
VS = ±12V
RF = 420Ω
AV = 1
RL = 500Ω
Differential Gain/Phase vs DC Input Voltage at
3.58MHz
0.2
0.15
0.1
0.05
0
-0.05
-0.1
-0.15
-1
-0.5
0
DC Input Voltage (V)
VS = ±12V
RF = 420Ω
RL = 150Ω
AV = 2
1
0.5
dG
dP
Supply Current vs Supply Voltage
13.2
10.8
9.6
8.4
7.2
6
4.8
3.6
2.4
1.2
0
0
VS (±V)
14
12
5.6
11.2
2.8
8.4
12.6
4.2
9.8
1.4
7
CMRR vs Frequency
100
80
60
40
20
0
10
Frequency (Hz)
100k
100M
1k
1M
10k
10M
100
VS = ±12
PSRR vs Frequency
10
-10
-30
-50
-70
-90
Frequency (Hz)
100M
10k
100k
1M
10M
1k
VS+
VS-
RF = 420Ω
AV = 1
RL= 500Ω
RF = 420Ω
AV = 1
RL= 500Ω
6
FN7008.2
May 3, 2007
Typical Performance Curves (Continued)
EL2228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com