| Electronic Components Datasheet Search |
|
PCI11010C Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PCI11010C Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 46 page ![]() 2025 Microchip Technology Inc. and its subsidiaries DS00006232A-page 16 PCI11010C RGMII Receive Clock RGMII_RXC RGMII_I RGMII receive clock signal (recovered from incoming received data). Note: This signal can be shared with an input-only programmable pin function. Note: This pin function is muxed with SGMII_RXM. RGMII Receive Data 0 RGMII_RXD0 RGMII_I RGMII Receive Data 0. The PHY transfers data to the MAC using this signal. Note: This signal can be shared with an input-only programmable pin function. Note: This pin function is muxed with SGMII_TXP. RGMII Receive Data 1 RGMII_RXD1 RGMII_I RGMII Receive Data 1. The PHY transfers data to the MAC using this signal. Note: This signal can be shared with an input-only programmable pin function. Note: This pin function is muxed with SGMII_TXM. RGMII Receive Data 2 RGMII_RXD2 RGMII_I RGMII Receive Data 2. The PHY transfers data to the MAC using this signal. Note: This signal can be shared with an input-only programmable pin function. Note: This pin function is muxed with SGMII_- CLKM. RGMII Receive Data 3 RGMII_RXD3 RGMII_I RGMII Receive Data 3. The PHY transfers data to the MAC using this signal. Note: This signal can be shared with an input-only programmable pin function. Note: This pin function is muxed with SGMII_CLKP. RGMII Transmit Clock RGMII_TXC RGMII_O RGMII transmit clock is used to latch data from the MAC into the PHY in RGMII mode. RGMII Transmit Control RGMII_TX_CTL RGMII_O RGMII transmit control indicates both the transmit data enable (TXEN) and transmit error (TXER) func- tions per the RGMII specification. RGMII Transmit Data 0 RGMII_TXD0 RGMII_O RGMII Transmit Data 0. The MAC transmits data to the PHY using this signal. RGMII Transmit Data 1 RGMII_TXD1 RGMII_O RGMII Transmit Data 1. The MAC transmits data to the PHY using this signal. RGMII Transmit Data 2 RGMII_TXD2 RGMII_O RGMII Transmit Data 2. The MAC transmits data to the PHY using this signal. RGMII Transmit Data 3 RGMII_TXD3 RGMII_O RGMII Transmit Data 3. The MAC transmits data to the PHY using this signal. TABLE 3-2: PIN DESCRIPTIONS (CONTINUED) Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |