Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6375D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6375D
Description  0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6375D Datasheet HTML 3Page - STMicroelectronics L6375D Datasheet HTML 4Page - STMicroelectronics L6375D Datasheet HTML 5Page - STMicroelectronics L6375D Datasheet HTML 6Page - STMicroelectronics L6375D Datasheet HTML 7Page - STMicroelectronics L6375D Datasheet HTML 8Page - STMicroelectronics L6375D Datasheet HTML 9Page - STMicroelectronics L6375D Datasheet HTML 10Page - STMicroelectronics L6375D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
L6375
ditions may occur
A) the overload is still present, and then the output power MOS is again driven in linear mode (limiting
the output current to Isc) for another Ton, starting a new cycle, or
B) the overload condition is removed, and the output power MOS is no longer driven in linear mode.
All these occurrences are presented on the DIAG2 pin (see fig 2).
We call this unique feature
Non Dissipative Short Circuit Protection and it ensures a very safe operation even
in permanent overload conditions. Note that choosing the most appropriate value for the Ton interval (i.e. the
value of the Cdon capacitor) a delay (the Ton itself) will prevent that a misleading Short Circuit information is
presented on the DIAG2 output, when driving capacitive loads (that acts like short circuit in the very beginning)
or Incandescent Lamp (a cold filament has a very low resistive value). The Non Dissipative Short Circuit Pro-
tection can be disabled (keeping Ton = 0 but with the output current still limited to Isc, and Diagnostic dis-
abled)simply shorting to ground the the ON DELAY pin.
Figure 2. Non Dissipative Short Circuit Protection Operation
DIAGNOSTIC LOGIC
The operating conditions of the device are permanently monitored and the following occurrences are signalled
via the DIAG1/DIAG2 open-drain output pins see: diagnostic Truth Table.
- Short Circuit versus ground.
- Short Circuit versus VS.
- Under Voltage(UV)
- Over Temperature (OVT)
- Open Load, if the output current is less than 3mA (typical value).
DEMAGNETIZATION OF INDUCTIVE LOADS
An internal zener diode, limiting the voltage across the Power MOS to between 50 and 60V (Vcl), provides safe
and fast demagnetization of inductive loads without external clamping devices. The maximum energy that can
be absorbed from an inductive load is specified as 200mJ (at Tj =85°C)
OUTPUT
CURRENT
tON
tON
tOFF
tOFF
Time
t<tON
DIAG
(active low)
Time
Short Circuit
Short Circuit
Isc
Iout
D94IN105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com