Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS6361C Datasheet(PDF) 4 Page - Hubbell Incorporated.

Part # CS6361C
Description  50 Amp Twist-Lock® Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

CS6361C Datasheet(HTML) 4 Page - Hubbell Incorporated.

  CS6361C Datasheet HTML 1Page - Hubbell Incorporated. CS6361C Datasheet HTML 2Page - Hubbell Incorporated. CS6361C Datasheet HTML 3Page - Hubbell Incorporated. CS6361C Datasheet HTML 4Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
50 Amp Twist-Lock® Devices
Related Products
Spider® Temporary Power Distribution Boxes
Rating
Type
Qty
Receptacle Rating
Catalog Number
50A 120/240V AC
(Maximum)
Straight Blade
Twist-Lock®
Twist-Lock® (Inlet)
Twist-Lock® (Outlet)
6
1
1
1
20A, 125V
30A, 250V
50A, 125/250V
50A, 125/250V
TPDS
50A 120/240V AC
(Maximum)
Twist-Lock®
Twist-Lock®
Twist-Lock® (Inlet)
Twist-Lock® (Outlet)
6
1
1
1
20A, 125V
30A, 250V
50A, 125/250V
50A, 125/250V
TPDL
Temporary Power Cables
Rating
Cable Type
Length (ft)
Catalog Number
50A 125/250V
6/3, 8/1
50
100
TPC50
TPC100
Temporary Power Receptacle
Description
Rating
Catalog Number
Pre-wired wall mount receptacle
with 3R enclosure and 2' wire leads
50A 125/250V
SR50
Hubbell Product Literature
IEC Pin
and Sleeve
Devices
Watertight
Wiring Devices
Circuit-Lock®
Motor
Disconnects
Wiring Device-Kellems
hubbell.com/wiringdevice-kellems/en
Hubbell Wiring Device-Kellems • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 288-6000 • FAX (800) 255-1031
Printed in U.S.A. Specifications subject to change without notice.
®
is a registered trademark of Hubbell Incorporated.
WLBL004 5/20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com