Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1069-6 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC1069-6
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices LTC1069-6 Datasheet HTML 10Page - Analog Devices LTC1069-6 Datasheet HTML 11Page - Analog Devices LTC1069-6 Datasheet HTML 12Page - Analog Devices LTC1069-6 Datasheet HTML 13Page - Analog Devices LTC1069-6 Datasheet HTML 14Page - Analog Devices LTC1069-6 Datasheet HTML 15Page - Analog Devices LTC1069-6 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC1164-5
16
11645fc
TYPICAL APPLICATION
8th Order Linear Phase Lowpass Filter
fCLK/fC = 140:1
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1069-1
Low Power, 8th Order Elliptic Lowpass Filter
Operates from a Single 3.3V to
±5V Supply
LTC1069-6
Very Low Power, 8th Order Elliptic Lowpass Filter
Optimized for 3V/5V Single Supply Operation, Consumes 1mA at 3V
©LINEAR TECHNOLOGY CORPORATION 1993
LT/LT 0805 REV C • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-5
VIN
V+
V–
fCLK
VOUT
1164-5 TA07
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com