Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9537DPZ Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9537DPZ
Description  4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DPZ Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9537DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 11Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 12Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 13Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 14Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 15Page - NXP Semiconductors PCA9537DPZ Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Standard-
mode I2C-bus
Fast-mode I2C-bus
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
tHD;STA
hold time (repeated) START condition
4.0
-
0.6
-
μs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
μs
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
μs
tHD;DAT
data hold time
0
-
0
-
ns
tVD;ACK
data valid acknowledge time
[1]
0.3
3.45
0.1
0.9
μs
tVD;DAT
data valid time
[2]
300
-
50
-
ns
tSU;DAT
data set-up time
250
-
100
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
μs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
μs
tr
rise time of both SDA and SCL signals
-
1000
20 + 0.1Cb[3]
300
ns
tf
fall time of both SDA and SCL signals
-
300
20 + 0.1Cb[3]
300
ns
tSP
pulse width of spikes that must be
suppressed by the input filter
-
50
-
50
ns
Port timing
tv(Q)
data output valid time
-
200
-
200
ns
tsu(D)
data input set-up time
100
-
100
-
ns
th(D)
data input hold time
1
-
1
-
μs
Interrupt timing
tv(INT)
valid time on pin INT
-
4
-
4
μs
trst(INT)
reset time on pin INT
-
4
-
4
μs
RESET
tw(rst)
reset pulse width
4
-
4
-
ns
trec(rst)
reset recovery time
0
-
0
-
ns
trst
reset time
400
-
400
-
ns
Table 11. Dynamic characteristics...continued
[1]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for the SDA data out to be valid following SCL LOW.
[3]
Cb = total capacitance of one bus line in pF.
PCA9537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2021
COMPANY PUBLIC
12 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com