Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL133-67 Datasheet(PDF) 13 Page - Microchip Technology

Part # PL133-67
Description  Low-Power DC to 160 MHz 1:6 Fanout Buffer IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-67 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PL133-67 Datasheet HTML 9Page - Microchip Technology PL133-67 Datasheet HTML 10Page - Microchip Technology PL133-67 Datasheet HTML 11Page - Microchip Technology PL133-67 Datasheet HTML 12Page - Microchip Technology PL133-67 Datasheet HTML 13Page - Microchip Technology PL133-67 Datasheet HTML 14Page - Microchip Technology PL133-67 Datasheet HTML 15Page - Microchip Technology PL133-67 Datasheet HTML 16Page - Microchip Technology PL133-67 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
2026 Microchip Technology Inc. and its subsidiaries
DS20007035A-page 13
PL133-67
Dimension Limits
Units
G
Optional Center Pad Width
Contact Pad To Center Pad
Contact Pad Spacing
Clearance Between Contact Pads
Contact Pitch
C1
G1
X2
2.70
MILLIMETERS
0.65 BSC
MIN
E
MAX
5.90
Contact Pad Length (X16)
Contact Pad Width (X16)
Y1
X1
1.50
0.45
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing No. C04-02068 Rev B
GX
Distance Between Pads
0.20
NOM
Optional Center Pad Length
Y2
2.70
4.40
0.73
Z1
Overall Width
7.40
C1
G1
E
X1
Y1
X2
G
Y2
GX
SILK
SCREEN
Z1
RECOMMENDED LAND PATTERN
16-Lead Plastic Thin Shrink Small Outline Package (D8X) 4.4mm Body [TSSOP]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com