Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

03510SS Datasheet(PDF) 1 Page - NMB Technologies Corporation

Part # 03510SS
Description  DC Axial Fan Sleeve Bearing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

03510SS Datasheet(HTML) 1 Page - NMB Technologies Corporation

  03510SS Datasheet HTML 1Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24
29
4 – φ3.2
PLATE
NAME
IMPELLER
ROTATION
24
30
±0.3
±0.5
AIR
±0.3
4 – φ3.2
10±0.5
0
60
70
30
40
50
10
20
0.0 0.02 0.04 0.06 0.08 0.10 0.12 0.14
Ps
(Pa)
Q (m3/min)
Air Flow
N Class
L Class
M Class
■ Outline
■ Panel Out-cuts
■ Characteristic Curves
■ Expected Life
※Failure Rate: 10%(L10 Life)
(Inlet Side)
(Outlet Side)
30 X10L
40℃ 30,000
(Hours)
■ Material
Casing
:Plastic (Black) UL94V-0
Impeller
:Plastic (Black) UL94V-0
Bearing
:Sleeve Bearing
Lead Wire
:UL1061 AWG26 +:Red, ­:Black
■ Specifications
Model
Rating Voltage Operating Voltage
Current
Input Power
Speed
Max.Air Flow
Max. Static Pressure
Noise
Mass
Product No.
(V)
(V)
(A)*1
(W)*1
(min-1)*1
(m3/min)*1 (CFM)*1
(Pa)*1
(In H2O)*1
(dB)*1
(g)
03010SS-05L-AA-
00
5
4.5 ~ 5.5
0.12
0.60
8500
0.10
3.5
38.0
0.15
23.5
8.5
03010SS-05M-AA-
00
0.16
0.80
9500
0.11
3.9
48.0
0.19
26.0
03010SS-05N-AA-
00
0.21
1.05
10500
0.12
4.2
59.0
0.24
28.0
03010SS-12L-AA-
00
12
7.0 ~ 13.2
0.06
0.72
8500
0.10
3.5
38.0
0.15
26.0
03010SS-12M-AA-
00
0.07
0.84
9500
0.11
3.9
48.0
0.19
30.0
03010SS-12N-AA-
00
6.0 ~ 13.2
0.08
0.96
10500
0.12
4.2
59.0
0.24
34.0
 Rotation: Clockwise as seen from the label side
*1: Average Values in Free Air
 Airflow Outlet: Label side
■ General Specifications
Motor Protection Auto Restart / Polarity Protection
Insulation Resistance 10MΩ or over with a DC500V Megger
Dielectric Withstand Voltage:AC700V 1s
Allowable Ambient:­ 10℃ ~ +70℃ (Operating)
Temperature Range
­ 40℃ ~ +70℃ (Storage)
non-condensing environment
03510SS
DCAxialFan Sleeve Bearing


Similar Part No. - 03510SS

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351009002 MOLEX4-0351009002 Datasheet
74Kb / 2P
Crimp Terminal 35100, Reel, Tin (Sn) Brass Tin (Sn)
logo
Omron Electronics LLC
03510093-DE OMRON-03510093-DE Datasheet
3Mb / 28P
CIMR-AC4A0250AAA
logo
Molex Electronics Ltd.
0351091610 MOLEX4-0351091610 Datasheet
85Kb / 2P
1.78mm (.070") Tab Wire-to-Board Female Housing, 5.00mm (.197") Pitch, 16Circuits
0351092010 MOLEX4-0351092010 Datasheet
85Kb / 2P
1.78mm (.070") Tab Wire-to-Board Female Housing, 5.00mm (.197") Pitch, 20 Circuits
logo
Microsemi Corporation
03510G2F MICROSEMI-03510G2F Datasheet
165Kb / 3P
Silicon Controlled Rectifier / Inverter
More results

Similar Description - 03510SS

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-471BT KEPONT-KEST-471BT Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-471BW KEPONT-KEST-471BW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-471SW KEPONT-KEST-471SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-472BT KEPONT-KEST-472BT Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-472BW KEPONT-KEST-472BW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-472SW KEPONT-KEST-472SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
NMB Technologies Corpor...
03010SS NMB-03010SS Datasheet
608Kb / 1P
SLEEVE BEARING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com