Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6611DTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6611DTR
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611DTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6611DTR Datasheet HTML 19Page - STMicroelectronics L6611DTR Datasheet HTML 20Page - STMicroelectronics L6611DTR Datasheet HTML 21Page - STMicroelectronics L6611DTR Datasheet HTML 22Page - STMicroelectronics L6611DTR Datasheet HTML 23Page - STMicroelectronics L6611DTR Datasheet HTML 24Page - STMicroelectronics L6611DTR Datasheet HTML 25Page - STMicroelectronics L6611DTR Datasheet HTML 26Page - STMicroelectronics L6611DTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23/28
L6611
threshold separately by properly choosing the resistors of the external divider. The following relationships can
be established for the ON (VB(ON)) and OFF (VB(OFF)) thresholds of the input voltage:
which, solved for R1 and R2, yields:
Both the ACsns threshold and the hysteresis current can be trimmed (see "On board trimming and mode oper-
ating" section).
Figure 21. ACsns circuit and timing diagram
6
APPLICATION EXAMPLE
In applications like desktop PC's, server or web server, the system usually consists of two converters (Main and
Auxiliary) that can be supplied directly from either the AC Mains or a PFC stage. The control and supervision at
the secondary side is usually entrusted to a housekeeping circuit.
The Auxiliary section supplies a stand-by voltage (5V typ.) through a flyback converter. The Main section, in
forward configuration, presents 4 standard outputs (3.3V, +5V, ±12V).
At the secondary side, the housekeeping circuitry governed by the L6611 checks the outputs and sends control
signals to the primary side through three optocouplers. It also generates power good information to the system
while managing all timings during power-up and power-down sequences. In fig. 22 a detailed circuit for the sec-
ondary side is presented; it is possible to note the very low number of external components required.
Simply connecting the power supply outputs to the L6611 relevant pins ensures the protection against over/un-
dervoltage in the Main section.
A crowbar on the auxiliary output is switched on through DFAULT in case of overvoltage.
The L6611 is supplied by the Auxiliary output; the signals sent to the primary side are:
– a "digital" ON/OFF signal through an optocoupler that drives the relevant pin of primary Main controller
to switch the Main converter ON and OFF;
– two analog signals that provide voltage feedback for both the Auxiliary and the Main section, driving the
primary controller pins responsible for the duty cycle modulation.
VB
ON
()
2.5
–
R
1
----------------------------------
2.5
R
2
--------
50
µA
+
=
VB
OFF
()
R
2
R
1
R
2
+
--------------------
⋅
2.5
=
R
1
VB
ON
() VB OFF
()
–
50
µA
-------------------------------------------------
=
R
2
R
1
2.5
VB
OFF
() 2.5
–
-------------------------------------
⋅
=
+2.5V
GND
I
HYS=50
µA
_
+
AC_GOOD
R
1
R
2
C
1
R
F
B
L6611
ACsns
VB
AC_GOOD
V
ACsns
VB(on)
VB(off)
∆=50µA*R
1
∆
∆
PW_OK
ON
+2.5V
GND
I
HYS=50
µA
_
+
AC_GOOD
R
1
R
2
C
1
R
F
B
L6611
ACsns
VB
AC_GOOD
V
ACsns
VB(on)
VB(off)
∆=50µA*R
1
∆
∆
PW_OK
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com