Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM402 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AM402
Description  CURRENT CONVERTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM402 Datasheet(HTML) 8 Page - Analog Microelectronics

  AM402 Datasheet HTML 1Page - Analog Microelectronics AM402 Datasheet HTML 2Page - Analog Microelectronics AM402 Datasheet HTML 3Page - Analog Microelectronics AM402 Datasheet HTML 4Page - Analog Microelectronics AM402 Datasheet HTML 5Page - Analog Microelectronics AM402 Datasheet HTML 6Page - Analog Microelectronics AM402 Datasheet HTML 7Page - Analog Microelectronics AM402 Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CURRENT CONVERTER IC
AM402
analog microelectronics
April 99
8/8
TYPICAL TWO–WIRE APPLICATION (4–20mA)
Used in a two–wire circuit, pin 2 (VCC) is connected to pin 3 (RS–) and ground pin 14 (GND,
⊥) is
connected to RL (Figure 8). The Gain GIA is adjusted by external resistors R1 and R2 and can be cal-
culated by
1
1
2
1
2
1
=
+
=
IA
IA
G
R
R
R
R
G
Hence, the transfer–function of the output current IOUT becomes
SET
IA
IN
OUT
I
R
G
V
I
+
=
0
with the current ISET adjusted by external resistors R3 and R4.
I
V
R
R
RR
R
R
V
RI
SET
REF
REF
SET
=⋅
+
⇒=
22
1
0
4
34
3
40
The supply voltage must be chosen with respect to the load resistor RL described by the following
equation
VI
R
SOUTmax
L
≥+6V
Example 3: Output current range 4...20mA
The values of the external devices ( V
IN = 0
200
K
mV , V
REF = 5V ,
2
=
IA
G
) are as follows
R0 = 25
R1 = 22k
R2 = 22k
R3 = 100k
R4 = 0...5k
R5 = 40
RL = 0...500
C1 = 2.2
µF
C2 = 100nF
8
9
10
11
12
13
16
1
2
3
5
7
14
C
1
R
2
R
1
V
REF
R
0
V
S
V
IN
R
5
I
OUT
D
1
T
1
R
L
R
3
R
4
AM 402
5/10 V reference
IA
V
I
C
2
Ground
Figure 8
The information provided herein is believed to be reliable; however, Analog Microelectronics assumes no responsibility for inaccuracies or omissions. Analog Microelectronics assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licences to any of
the circuits described herein are implied or granted to any third party. Analog Microelectronics does not authorise or warrant any Analog Microelectronics product use in life support devices and/or
systems.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com