Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLT0805Y1001FST0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PLT0805Y1001FST0
Description  Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLT0805Y1001FST0 Datasheet(HTML) 2 Page - Vishay Siliconix

  PLT0805Y1001FST0 Datasheet HTML 1Page - Vishay Siliconix PLT0805Y1001FST0 Datasheet HTML 2Page - Vishay Siliconix PLT0805Y1001FST0 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLT
www.vishay.com
Vishay Dale Thin Film
Revision: 18-Oct-2019
2
Document Number: 60030
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Preferred packaging code
(2) L and Q tolerances are available only for resistance values > 250
DIMENSIONS in inches
CASE SIZE
TERM
L
W
T
D
E
0603
B, S
0.064 ± 0.006
0.032 ± 0.005
0.020 max.
0.012 ± 0.005
0.015 ± 0.005
0805
B, S
0.080 ± 0.006
0.050 ± 0.005
0.015 to 0.033
0.016 ± 0.008
0.015 ± 0.005
1206
B, S
0.126 ± 0.008
0.063 ± 0.005
0.015 to 0.033
0.020 +0.005 / -0.010
0.020 +0.005 / -0.010
2010
B, S
0.209 ± 0.009
0.098 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2512
B, S
0.259 ± 0.009
0.124 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
D
W
L
T
E
ENVIRONMENTAL TESTS - TYPICAL
ENVIRONMENTAL TEST
10 k
 R ±
(%)
100 k
 R ±
(%)
Thermal Shock
0.02
0.02
Short Time Overload
0.01
0.01
Low Temperature Operation
0.01
0.01
Resistance to Solder Heat
0.01
0.01
Moisture Resistance
0.02
0.02
High Temperature Exposure
0.02
0.02
Load Life (10 000 h, +70 °C)
0.04
0.04
TCR
± 5 ppm/°C
± 5 ppm/°C
DERATING CURVE
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PLT
0603
0805
1206
2010
2512
Z = ± 5 ppm/°C
Y = ± 10 ppm/°C
The first 3 digits are
significant figures and
the last digit specifies
the number of zeros to
follow. “R” designates
the decimal point.
Example:
1001 = 1 k
2500 = 250
Special values with more
than 4 significant figures,
use a R for value below
1 k
 and a K for values
greater than 1 k
 to
signify a decimal point.
982R6 = 982.6
532R41 = 532.41
L =
± 0.01 % (2)
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1 %
B = wraparound Sn / Pb
solder w/ Ni barrier
(63 % Sn / 37 % Pb w/
nickel barrier)
S = wraparound
lead (Pb)-free solder
96.5 % Sn / 3.0 % Ag /
0.5 % Cu
RoHS compliant - e1
WS = WAFFLE PACK
WI = 100 min., 1 mult.
(item single lot date code)
WP = 100 min., 1 mult.
(package unit single
lot date code)
TAPE AND REEL
T0 = 100 min., 100 mult.
T1 = 1000 min., 1000 mult. (1)
T3 = 300 min., 300 mult.
T5 = 500 min., 500 mult.
TF = full reel
TS = 100 min., 1 mult.
TI = 100 min., 1 mult.
(item single lot date code)
TP = 100 min., 1 mult.
(package unit single
lot date code)
0
3
Z1
0
1
Q
0
0
BT
1
T
PL
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com