Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7665SACBAZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICL7665SACBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7665SACBAZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICL7665SACBAZ Datasheet HTML 1Page - Renesas Technology Corp ICL7665SACBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7665SACBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7665SACBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7665SACBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7665SACBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7665SACBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7665SACBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7665SACBAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICL7665S
FN3182 Rev 10.00
Page 4 of 15
August 10, 2015
Output Leakage Currents of
OUT and HYST
IOLK
VSET = 0V or VSET  2V
-
10
200
nA
IHLK
-
-10
-100
nA
IOLK
V+ = 15V
-
-
2000
nA
IHLK
-
-
-500
nA
Output Saturation Voltages
VOUT1
VSET1 = 2V,
IOUT1 = 2mA
V+ = 2V
-
0.2
0.5
V
V+ = 5V
-
0.1
0.3
V
V+ = 15V
-
0.06
0.2
V
Output Saturation Voltages
VHYST1
VSET1 = 2V,
IHYST1 = -0.5mA
V+ = 2V
-
-0.15
-0.30
V
V+ = 5V
-
-0.05
-0.15
V
V+ = 15V
-
-0.02
-0.10
V
Output Saturation Voltages
VOUT2
VSET2 = 0V,
IOUT2 = 2mA
V+ = 2V
-
0.2
0.5
V
V+ = 5V
-
0.15
0.3
V
V+ = 15V
-
0.11
0.25
V
Output Saturation Voltages
VHYST2
VSET2 = 2V
V+ = 2V, IHYST2 = -0.2mA
-
-0.25
-0.8
V
V+ = 5V, IHYST2 = -0.5mA
-
-0.43
-1.0
V
V+ = 15V, IHYST2 = -0.5mA
-
-0.35
-0.8
V
VSET Input Leakage Current
ISET
GND
 VSET  V+
-
0.01
10
nA
 Input for Complete Output
Change
VSET
ROUT = 4.7k,
RHYST = 20k,
VOUTLO = 1% V+,
VOUTHI = 99% V+
ICL7665S
-
1.0
-
mV
ICL7665SA
-
0.1
-
mV
Difference in Trip Voltages
VSET1 -
VSET2
ROUT, RHYST = 1mW
-
5
50
mV
Output/Hysteresis
Difference
ROUT, RHYST = 1mW
ICL7665S
-
1-
mV
ICL7665SA
-
0.1
-
mV
NOTES:
6. Derate above +25°C ambient temperature at 4mW/°C.
7. All significant improvements over the industry standard ICL7665 are highlighted.
Electrical Specifications
The specifications below are applicable to both the ICL7665S and ICL7665SA. V+ = 5V, TA = +25°C,
Test Circuit Figure 7. Unless Otherwise Specified
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com