Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSCM020065L-A Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSCM020065L-A
Description  N-Channel Silicon Carbide Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSCM020065L-A Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSCM020065L-A Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065L-A Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065L-A Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065L-A Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065L-A Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065L-A Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065L-A Datasheet HTML 7Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065L-A Datasheet HTML 8Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 2 of 8
Electrical Characteristics ( TJ= 25℃ unless otherwise specified)
Symbol
Parameter
Min. Typ. Max.
Unit
Test Conditions
Note
V(BR)DSS
Drain-Source
Breakdown Voltage
650
V
VGS=0V,ID =100μA
VGS(th)
Gate Threshold Voltage
2.0
2.7
4.0
V
VGS= VDS, IDS=15mA,TC =25℃
Fig.11
2.0
V
VGS= VDS, IDS=15mA,TC =175℃
IDSS
Zero Gate Voltage Drain
Current
1
100
μA
VDS= 650V, VGS=0V
IGSS+
Gate-Source Leakage
Current
10
250
nA
VGS=23V, VDS= 0V
RDS(on)
Drain-Source on-state
Resistance
20
30
mΩ
VGS=18V, ID =50A, TC =25℃
Fig.4.5
.6
26
VGS=18V, ID =50A, TC =175℃
gfs
Transconductance
35
S
VGS=20V, ID =50A, TC =25℃
Fig.7
31.6
VGS=20V, ID =50A, TC =175℃
Ciss
Input Capacitance
2800
Pf
VGS=0V,
VDS=600 V,
f=10kHz,
VAC=25 mV
Fig.
17,
18
Coss
Output Capacitance
265
Crss
Reverse Transfer
Capacitance
16
Eoss
Coss Stored Energy
47
uJ
EON
Turn-On Switching
Energy
581
μJ
VDS =400V, VGS =-5/18V,
ID = 50A,
RG(ext) = 2.5Ω, L= 100μH
EOFF
Turn-Off Energy
128
td(on)
Turn-On Delay Time
31
ns
VDS =400V, VGS =-5/18 V
ID = 40A, RG(ext) =2. 5 Ω ,
RL =10Ω
tr
Rise Time
28
td(off)
Turn-Off Delay Time
122
tf
Fall Time
26
RG(int)
Internal Gate Resistance
1.8
Ω
f=1 MHz, VAC=25mV
Qgs
Gate to Source Charge
40
nC
VDS=400V,
VGS=-5/18V
ID = 50A
Fig.12
Qgd
Gate to Drain Charge
18
nC
Qg
Total Gate Charge
139



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com