Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS20M60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20M60
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M60 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20M60 Datasheet HTML 1Page - STMicroelectronics STPS20M60 Datasheet HTML 2Page - STMicroelectronics STPS20M60 Datasheet HTML 3Page - STMicroelectronics STPS20M60 Datasheet HTML 4Page - STMicroelectronics STPS20M60 Datasheet HTML 5Page - STMicroelectronics STPS20M60 Datasheet HTML 6Page - STMicroelectronics STPS20M60 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS20M60
4/7
Doc ID 022037 Rev 1
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
Figure 7.
Relative thermal impedance
junction to case versus pulse
duration
0
50
100
150
200
250
300
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
I
M
t
δ = 0.5
T = 25 °C
c
T = 75 °C
c
T = 125 °C
c
t(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
Single pulse
t (s)
p
Figure 8.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
2030
4050
60
I (mA)
R
V (V)
R
T = 25 °C
j
T = 50 °C
j
T = 75 °C
j
T = 125 °C
j
T = 150 °C
j
T = 100 °C
j
100
1000
10000
1
10
100
C(pF)
V (V)
R
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
RMS
j
Figure 10.
Forward voltage drop versus
forward current
Figure 11.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I
(A)
FM
(Maximum values)
T = 25 °C
j
(Maximum values)
T = 125 °C
j
(Typical values)
T = 125 °C
j
V
(V)
FM
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
80
85
90
95
100
105
110
115
120
I
(A)
arm
I
(V
) 150 °C, 1µs
arm
arm
V
(V)
arm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com