Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7200 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 5Page - STMicroelectronics L7200 Datasheet HTML 6Page - STMicroelectronics L7200 Datasheet HTML 7Page - STMicroelectronics L7200 Datasheet HTML 8Page - STMicroelectronics L7200 Datasheet HTML 9Page - STMicroelectronics L7200 Datasheet HTML 10Page - STMicroelectronics L7200 Datasheet HTML 11Page - STMicroelectronics L7200 Datasheet HTML 12Page - STMicroelectronics L7200 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
L7200
Output Slew Rate (PWM)
Reg# 2.2 = 0
Reg# 2.2 = 1
10
20
V/
µs
BEMFMI
N
Minimum BEMF Voltage for
Detection
35
mVp-p
VHYS
Hysteresis
18
mV
CURRENT SENSE AMPLIFIER
Av
Voltage Gain
3.8
4.0
4.2
V/V
dVo/dt
Output Slew Rate
20
V/
µS
3.3V LINEAR REGULATOR
V3.3
3.3V Regulation Voltage
Iload < 0.6A
3.15
3.3
3.45
V
Av
Open Loop Gain
60
dB
Ibase
Driving Base Current
20
mA
2.5V LINEAR REGULATOR
V2.5
2.5V Regulation Voltage
Iload < 0.6A
2.5
V
Av
Open Loop Gain
60
dB
Ibase
Driving Base Current
20
mA
8V LINEAR REGULATOR
V8
8V Regulation Voltage
Iload < 0.2A
8
V
AV
Open Loop Gain
60
dB
Ibase
Driving Base Current
5
mA
SHOCK SENSOR - INPUT OPERATIONAL AMPLIFIER A1
Av
Open Loop Gain
20
dB
Rin
Input Inpedance
10
M
Ω
FodB
Unity Gain Bandwidth
30
KHz
SHOCK SENSOR - FILTER OPERATIONAL AMPLIFIER A2
Av
Open Loop Gain
80
dB
FodB
Unity Gain Bandwidth
5
KHz
Voffset
Offset Voltage
±5
V
SHOCK SENSOR - OUTPUT WINDOW COMPARATOR
VH
Vth High
Referred to Vcc/4
+0.5
V
VL
Vth Low
Referred to Vcc/4
-0.5
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com