Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC020SMB120SDT/RM Datasheet(PDF) 11 Page - Microchip Technology

Part # MSC020SMB120SDT/RM
Description  1200V, 20 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC020SMB120SDT/RM Datasheet(HTML) 11 Page - Microchip Technology

Back Button MSC020SMB120SDT/RM Datasheet HTML 5Page - Microchip Technology MSC020SMB120SDT/RM Datasheet HTML 6Page - Microchip Technology MSC020SMB120SDT/RM Datasheet HTML 7Page - Microchip Technology MSC020SMB120SDT/RM Datasheet HTML 8Page - Microchip Technology MSC020SMB120SDT/RM Datasheet HTML 9Page - Microchip Technology MSC020SMB120SDT/RM Datasheet HTML 10Page - Microchip Technology MSC020SMB120SDT/RM Datasheet HTML 11Page - Microchip Technology MSC020SMB120SDT/RM Datasheet HTML 12Page - Microchip Technology MSC020SMB120SDT/RM Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MSC020SMB120SD
Package Specification
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005748B - 11
Table 2-2. Recommended Land Pattern Dimensions
Symbol
Description
Min. (mm)
Nom. (mm)
Max. (mm)
E
Contact pitch
1.27 BSC
X2
Center pad width
—
—
8.30
Y2
Center pad length
—
—
8.45
C1
Contact pad spacing
—
6.45
—
C2
Contact pad spacing
—
4.30
—
X1
Contact pad width (X7)
—
—
0.80
Y1
Contact pad length (X7)
—
—
2.90
G1
Contact pad to center pad (X7) 3.88
—
—
G2
Contact pad to contact pad (X6) 0.47
—
—
Notes: 
• Dimensioning and tolerancing per ASME Y14.5M.
– BSC: Basic dimension. Theoretically exact value shown without tolerances.
• For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss
during reflow process.
2.3.
Product Marking Information
The following figure shows the product marking information of this device.
Figure 2-3. Product Marking Information
Marking
Marking Identifier
Description
XXXXXXXXXX Catalog Part Number
(CPN)
This is the unique catalog number for the finished device.
Note: For automotive-grade device, the VAO identifier is not shown.
YYWWNNN Traceability code
A unique identifier assigned by Microchip to track and verify the manufacturing
history of the device.
YYWW
Date code
A four-digit number which reflects the year and work week of manufacturing. It is
the first four digits of the traceability code.
PP
Country of origin
Two-character code per ISO 3166-1-Alpha-2, indicating the manufacturing country.
e3
ROHS category (Lead
finish code)
This code specifies the type of finish applied to the device’s leads.
Note: e3 indicates a 100% Matte Tin (Sn) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com