Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7203 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L7203
Description  SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7203 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L7203 Datasheet HTML 4Page - STMicroelectronics L7203 Datasheet HTML 5Page - STMicroelectronics L7203 Datasheet HTML 6Page - STMicroelectronics L7203 Datasheet HTML 7Page - STMicroelectronics L7203 Datasheet HTML 8Page - STMicroelectronics L7203 Datasheet HTML 9Page - STMicroelectronics L7203 Datasheet HTML 10Page - STMicroelectronics L7203 Datasheet HTML 11Page - STMicroelectronics L7203 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
the PWMIN signal and the internal signals, the
PWMIN signal rate must be calculated by the ex-
ternal microcontroller using the same frequency
signal provided to the chip through the pin fsys.
Digital Multiplier
This unit contains a multiplier executing the multi-
plication of each sample provided by the memory
by the value stored in kval register.
The output value is a 10-bit word, plus the sign bit.
PWM Converter
The PWM converter receives from the digital mul-
tiplier three 10 bit digital number and converts it
into three PWM signals.
A counter counts up (from 0 to 255) and down
(from 255 to 0) at the Fsys rate in continuos
mode. Three 8-bit input registers are written with
the 8 most significant bit of the word to be con-
verted and compared to the counter value. The
comparator output is:
COMPARATOR
8 MSB
OUTPUT MULTIPLIER
D98IN886
OUTPUT
OUTPUT PWM:
LSB
00
01
10
11
WHERE:
A HALF FSYS PERIOD
A FSYS PERIOD
Figure 11.
COUNTER
OUTPUT COMPARATOR
0
255
D98IN885A
510 Tsys
Figure 10.
L7203
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com