Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC08FIM03ACL030PVC Datasheet(PDF) 12 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM03ACL030PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM03ACL030PVC Datasheet(HTML) 12 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC08FIM03ACL030PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL030PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL030PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL030PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL030PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL030PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL030PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
164
Circular Automation Connectors
4
3 pole
Male
4 pole
Female
1
3
2
4
1
4
2
1
3
4
3
1
3.5
Ø 1.0 ±0.03
2.15
3.4
Ø 1.0 ±0.03
5 pole
1
3
2
4
3
1
4
2
1.95
3.4
Ø 1.0 ±0.03
5
5
‘A’ Code
Front View
‘A’ Code
Front View
3
‘B’ Code
Front View
M8 Series
Circular Automation Connectors / Specifications
Contact Diagrams
XXXXXXXXXXM03XXXXXXXXX
XXXXXXXXXXF03XXXXXXXXX
P1
Pair
Wire Colour
1
3
4
Brown
Blue
Black
P2
1
3
4
XXXXXXXXXXM04XXXXXXXXX
XXXXXXXXXXF04XXXXXXXXX
P1
Pair
Wire Colour
1
2
3
4
Brown
White
Blue
Black
P2
1
2
3
4
4
3 pole
Male
4 pole
Female
1
3
2
4
1
4
2
1
3
4
3
1
3.5
Ø 1.0 ±0.03
2.15
3.4
Ø 1.0 ±0.03
5 pole
1
3
2
4
3
1
4
2
1.95
3.4
Ø 1.0 ±0.03
5
5
‘A’ Code
Front View
‘A’ Code
Front View
3
‘B’ Code
Front View
4
3 pole
Male
4 pole
Female
1
3
2
4
1
4
2
1
3
4
3
1
3.5
Ø 1.0 ±0.03
2.15
3.4
Ø 1.0 ±0.03
5 pole
1
3
2
4
3
1
4
2
1.95
3.4
Ø 1.0 ±0.03
5
5
‘A’ Code
Front View
‘A’ Code
Front View
3
‘B’ Code
Front View
XXXXXXXXXXM06XXXXXXXXX
XXXXXXXXXXF06XXXXXXXXX
P1
Pair
Wire Colour
1
2
3
4
5
6
Brown
White
Blue
Black
Grey
Pink
P2
1
2
3
4
5
6
XXXXXXXXXXM04XXXXXXXXX
XXXXXXXXXXF04XXXXXXXXX
P1
Pair
Wire Colour
1
2
3
4
Yellow
White
Blue
Brown
P2
Open
P2
P1
4 PINS P-CODED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com