Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC08FIM03ACL150PVC Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM03ACL150PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM03ACL150PVC Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PXPPVC08FIM03ACL150PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL150PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL150PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL150PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL150PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL150PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL150PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL150PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM03ACL150PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
154
Circular Automation Connectors
PXMBNI08RPM
M8 Rear Panel Mounting Male
PXMBNI08RPM03APC
PXMBNI08RPM04APC
PXMBNI08RPM05BPC
PXMBNI08RPM03AFL001
PXMBNI08RPM03AFL002
PXMBNI08RPM03AFL003
PXMBNI08RPM04AFL001
PXMBNI08RPM04AFL002
PXMBNI08RPM04AFL003
PXMBNI08RPM05BFL001
PXMBNI08RPM05BFL002
PXMBNI08RPM05BFL003
PXMBNI08RPM08AFLM8002
Part No.
A
A
B
A
A
A
A
A
A
B
B
B
A
Poles
03
04
05
03
03
03
04
04
04
05
05
05
08
Code
PCB Terminal
PCB Terminal
PCB Terminal
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Termination
Lead Length
-
-
-
100 mm
200 mm
300 mm
100 mm
200 mm
300 mm
100 mm
200 mm
300 mm
200 mm
Available in 3, 4, 5 & 8 Poles
PCB or Flying Lead Termination
Rear Panel Mounting M8 Nut
Mates with Flex Body Connectors
Circular Automation Connectors
M8 Series
PXMBNI08RPF
M8 Rear Panel Mounting Female
PXMBNI08RPF03APC
PXMBNI08RPF04APC
PXMBNI08RPF05BPC
PXMBNI08RPF03AFL001
PXMBNI08RPF03AFL002
PXMBNI08RPF03AFL003
PXMBNI08RPF04AFL001
PXMBNI08RPF04AFL002
PXMBNI08RPF04AFL003
PXMBNI08RPF05BFL001
PXMBNI08RPF05BFL002
PXMBNI08RPF05BFL003
PXMBNI08RPF06AFLM8001
PXMBNI08RPF08AFLM8002
Part No.
A
A
B
A
A
A
A
A
A
B
B
B
A
A
Poles
03
04
05
03
03
03
04
04
04
05
05
05
06
08
Code
PCB Terminal
PCB Terminal
PCB Terminal
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Flying Lead
Termination
Lead Length
-
-
-
100 mm
200 mm
300 mm
100 mm
200 mm
300 mm
100 mm
200 mm
300 mm
100 mm
200 mm
Available in 3, 4, 5 & 6 Poles
PCB or Flying Lead Termination
Rear Panel Mounting M11 Nut
Mates with Flex Inline Body
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com