Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC08FIM04ACL030PVC Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM04ACL030PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM04ACL030PVC Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC08FIM04ACL030PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL030PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL030PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL030PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL030PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL030PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL030PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
158
Circular Automation Connectors
PXPTPU08RAF
PXPPVC08RAF
M8 Right Angled Female
PXPPVC08RAF03ACL010PVC
PXPTPU08RAF03ACL010PUR
PXPPVC08RAF03ACL020PVC
PXPTPU08RAF03ACL020PUR
PXPPVC08RAF03ACL030PVC
PXPTPU08RAF03ACL030PUR
PXPPVC08RAF03ACL050PVC
PXPTPU08RAF03ACL050PUR
PXPPVC08RAF03ACL100PVC
PXPTPU08RAF03ACL100PUR
PXPPVC08RAF03ACL150PVC
PXPTPU08RAF03ACL150PUR
PXPPVC08RAF04ACL010PVC
PXPTPU08RAF04ACL010PUR
PXPPNP08RAF04ACL015PVC
PXPPVC08RAF04ACL020PVC
PXPTPU08RAF04ACL020PUR
PXPPVC08RAF04ACL030PVC
PXPTPU08RAF04ACL030PUR
PXPPNP08RAF04ACL030PVC
PXPPVC08RAF04ACL050PVC
PXPTPU08RAF04ACL050PUR
PXPPNP08RAF04ACL050PVC
PXPPNP08RAF04ACL075PVC
PXPPVC08RAF04ACL100PVC
PXPTPU08RAF04ACL100PUR
PXPPNP08RAF04ACL100PVC
PXPPVC08RAF04ACL150PVC
PXPTPU08RAF04ACL150PUR
PXPPVC08RAF05BCL010PVC
PXPTPU08RAF05BCL010PUR
PXPPVC08RAF05BCL020PVC
PXPTPU08RAF05BCL020PUR
PXPPVC08RAF05BCL030PVC
PXPTPU08RAF05BCL030PUR
PXPPVC08RAF05BCL050PVC
PXPTPU08RAF05BCL050PUR
PXPPVC08RAF05BCL100PVC
PXPTPU08RAF05BCL100PUR
PXPPVC08RAF05BCL150PVC
PXPTPU08RAF05BCL150PUR
PXPPVC08RAF06ACL020PVC
PXPPVC08RAF08ACL010PVC
Part No.
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
A
A
Poles
03
03
03
03
03
03
03
03
03
03
03
03
04
04
04
04
04
04
04
04
04
04
04
04
04
04
04
04
04
05
05
05
05
05
05
05
05
05
05
05
05
06
08
Code
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Termination
Cable Material
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PVC
PUR
PVC
PUR
PVC
PVC
PUR
PVC
PVC
PVC
PUR
PVC
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PVC
Available in 3, 4, 5, 6 & 8 Poles
1, 1.5, 2, 3, 5, 7.5, 10 & 15m
Cable Options
Overmold Flex Body
Mates with Flex Inline Body &
Panel Mount Connectors
Circular Automation Connectors
M8 Series
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
1.5m
2m
2m
3m
3m
3m
5m
5m
5m
7.5m
10m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
2m
1m
Lead Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com