Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC08FIM04ACL050PVC Datasheet(PDF) 10 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM04ACL050PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM04ACL050PVC Datasheet(HTML) 10 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC08FIM04ACL050PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL050PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL050PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL050PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL050PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL050PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL050PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL050PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL050PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
162
Circular Automation Connectors
Circular Automation Connectors
M8 Series
Part No.
PXMBNI08RAF03APCM8
PXMBNI08RAM03APCM8
PXMBNI08RAF04APCM8
PXMBNI08RAM04APCM8
Termination
PCB Terminal
PCB Terminal
PCB Terminal
PCB Terminal
Poles
03
03
04
04
M8 Right Angle PCB Mount
Available in 3 & 4 Poles
PCB Termination
Mates with Flex Inline Body
& Flex Body
Code
A
A
A
A
PXMBNI08RAF
PXMBNI08RAM
Part No.
PXPPVC08FIM06AYT010PVC
PXPPVC08FIM08AYT010PVC
Termination
Overmold Cable
Overmold Cable
Poles
06
08
Available in 6 & 8 Poles
Overmold Flex Body
Mates with Flex Body
Code
A
A
M8 Y-Splitters
PXPPVC08FIM
Part No.
PXPPVC08TSMM03AFIIFI
PXPPVC08TSFF03AFBBFB
PXPPVC08TSMM04AFIIFI
PXPPVC08TSFF04AFBBFB
Termination
Male-Male-Male
Female-Female-Female
Male-Male-Male
Female-Female-Female
Poles
03
03
04
04
Available in 3 & 4 poles
Mates with Flex Inline Body
& Flex Body
Code
A
A
A
A
M8 T-Splitters
PXPPVC08TSMM
PXPPVC08TSFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com