Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC08FIM05BCL050PVC Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM05BCL050PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM05BCL050PVC Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXPPVC08FIM05BCL050PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL050PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL050PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL050PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL050PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL050PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL050PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL050PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL050PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
153 Circular Automation Connectors
Our M8 circular connectors and cables are designed to fulfil the ever
growing demand for sensor, actuator and data connections in process
control, industrial machinery and factory automation applications.
These compact sensor and automation connectors with quick screw
lock coupling are mechanically and chemically robust, easy to install,
minimise downtime and help to increase production efficiency.
Circular Automation Connectors / Introduction
M8 Series
Straight & Right Angled Configurations
3, 4 or 5 Contacts
Metal & Plastic Shell Options
A, B & P Coded
Environmental Protection Class IP67
Field Installable Connectors, Panel Mounts &
Overmolded Cable Options
PVC or PUR Jacketed Cable Variants With
Many Lengths From 1m – 15m
Compliant with EN 61076-2-104
153 Circular Automation Connectors


Similar Part No. - PXPPVC08FIM05BCL050PVC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXPPVC08FIM05BCL050PVC BULGINLIMITED-PXPPVC08FIM05BCL050PVC Datasheet
1Mb / 9P
M8 Series
More results

Similar Description - PXPPVC08FIM05BCL050PVC

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224896 ERNI-224896 Datasheet
37Kb / 1P
CCCS M8, 3pin / M8, 3pin
224897 ERNI-224897 Datasheet
39Kb / 1P
CCCS M8, 3pin / M8, 3pin
logo
NorComp
854-004-203RKT4 NORCOMP-854-004-203RKT4 Datasheet
87Kb / 1P
M8 SERIES
Rev.01
854-004-203RLSY NORCOMP-854-004-203RLSY Datasheet
68Kb / 1P
M8 SERIES
Rev.08
854-005-203RLSY NORCOMP-854-005-203RLSY Datasheet
69Kb / 1P
M8 SERIES
Rev.05
854-006-203RLSY NORCOMP-854-006-203RLSY Datasheet
70Kb / 1P
M8 SERIES
Rev.06
854-008-103RLS4 NORCOMP-854-008-103RLS4 Datasheet
57Kb / 1P
M8 SERIES
Rev.00
854-008-103RLU4 NORCOMP-854-008-103RLU4 Datasheet
56Kb / 1P
M8 SERIES
Rev.00
854-008-203RLS4 NORCOMP-854-008-203RLS4 Datasheet
60Kb / 1P
M8 SERIES
Rev.02
854-AXY-10YRLS4 NORCOMP-854-AXY-10YRLS4 Datasheet
87Kb / 1P
M8 SERIES
Rev.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com