Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM08ACL050PVC Datasheet(PDF) 19 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM08ACL050PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM08ACL050PVC Datasheet(HTML) 19 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM08ACL050PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL050PVC Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL050PVC Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL050PVC Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL050PVC Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL050PVC Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL050PVC Datasheet HTML 21Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL050PVC Datasheet HTML 22Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL050PVC Datasheet HTML 23Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
184
Circular Automation Connectors
Electrical:
Technical Overview Data
No. Poles:
Current Rating:
Voltage Rating (ac/dc):
Contact Resistance:
Insulation Resistance:
AC Breakdown Voltage
3 Pole:
4 Pole:
5 Pole:
6 Pole:
8 Pole:
12 Pole:
17 Pole:
Operating Temp Range:
<10mΩ
>100MΩ
1.5KV
1.5KV
1.5KV
1.5KV
0.8KV
0.8KV
0.8KV
-25°C to 80°C
Locking Mechanism:
Sealing:
Contact Accommodation
3, 4, 8 & 12 Pole:
Cable Acceptance:
Terminations
3, 4, 5 & 8 Pole:
12 Pole:
Mechanical Operation:
Diameter Over Coupling Ring:
Mechanical:
Screw Coupling
IP67
28 AWG-22AWG
4.6 - 8.0mm Dia
PCB / Screw / Solder / Cable
PCB / Solder / Cable
500 Mating Cycle Options Available
20.0mm
M12 Series
Circular Automation Connectors / Specifications
Materials:
Body:
Coupling Nut:
Colour:
Pin Contacts:
Socket Contacts:
O Rings & Gaskets:
RoHS
Nickel Plated Brass
Nickel Plated Brass
Grey
Brass, Gold Plating
Phosphor Bronze, Gold Plating
Viton
Compliant
Panel Mount:
TPU / PVC / LCP
Nickel Plated Brass
Black
Brass, Gold Plating
Phosphor Bronze, Gold Plating
Viton
Compliant
Cable Connectors:
Nickel Plated Brass / PA66
Nickel Plated Brass
Black or Grey
Brass, Gold plating
Phosphor Bronze, Gold plating
Viton
Compliant
Flex & Inline Connectors:
3
4A
250V
4
4A
250V
5
4A
60V
8
2A
30V
12
1.5A
30V
17
1.5A
30V
6
1.5A
30V
Pin Layout Diagrams
A Code:
A - Coding
B Code:
B - Coding
D Code:
D - Coding
S Code:
S - Coding
L Code:
L - Coding
T Code:
T - Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com