Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM12ACL050PVC Datasheet(PDF) 14 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM12ACL050PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM12ACL050PVC Datasheet(HTML) 14 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM12ACL050PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC12FIM12ACL050PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC12FIM12ACL050PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC12FIM12ACL050PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PXPPVC12FIM12ACL050PVC Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PXPPVC12FIM12ACL050PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PXPPVC12FIM12ACL050PVC Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PXPPVC12FIM12ACL050PVC Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PXPPVC12FIM12ACL050PVC Datasheet HTML 18Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
179 Circular Automation Connectors
PXPPVC12FIM12ACL010PVC
PXPTPU12FIM12ACL010PUR
PXPPVC12FIM12ACL020PVC
PXPTPU12FIM12ACL020PUR
PXPPVC12FIM12ACL030PVC
PXPTPU12FIM12ACL030PUR
PXPPVC12FIM12ACL050PVC
PXPTPU12FIM12ACL050PUR
PXPPVC12FIM12ACL100PVC
PXPTPU12FIM12ACL100PUR
PXPPVC12FIM12ACL150PVC
PXPTPU12FIM12ACL150PUR
PXPPVC12FIM05BCL010PVC
PXPTPU12FIM05BCL010PUR
PXPPVC12FIM05BCL020PVC
PXPTPU12FIM05BCL020PUR
PXPPVC12FIM05BCL030PVC
PXPTPU12FIM05BCL030PUR
PXPPVC12FIM05BCL050PVC
PXPTPU12FIM05BCL050PUR
PXPPVC12FIM05BCL100PVC
PXPTPU12FIM05BCL100PUR
PXPPVC12FIM05BCL150PVC
PXPTPU12FIM05BCL150PUR
PXPPVC12FIM04DCL010PVC
PXPTPU12FIM04DCL010PUR
PXPPVC12FIM04DCL020PVC
PXPTPU12FIM04DCL020PUR
PXPPVC12FIM04DCL030PVC
PXPTPU12FIM04DCL030PUR
PXPPVC12FIM04DCL050PVC
PXPTPU12FIM04DCL050PUR
PXPPVC12FIM04DCL100PVC
PXPTPU12FIM04DCL100PUR
PXPPVC12FIM04DCL150PVC
PXPTPU12FIM04DCL150PUR
PXPTPU12FIM05LCL010PUR
PXPTPU12FIM04SCL010PUR
PXPTPU12FIM04TCL010PUR
Part No.
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
D
D
D
D
D
D
D
D
D
D
D
D
L
S
T
Poles
Code
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Termination
Cable Material
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PUR
PUR
PUR
Circular Automation Connectors
M12 Series
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
1m
Lead Length
12
12
12
12
12
12
12
12
12
12
12
12
05
05
05
05
05
05
05
05
05
05
05
05
04
04
04
04
04
04
04
04
04
04
04
04
04
04
04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com