Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM04DCL020PVC Datasheet(PDF) 11 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM04DCL020PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM04DCL020PVC Datasheet(HTML) 11 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM04DCL020PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL020PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL020PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL020PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL020PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL020PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL020PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL020PVC Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL020PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
176
Circular Automation Connectors
PXPTPU12RAM
PXPPVC12RAM
M12 Right Angled Male
PXPPVC12RAM03ACL010PVC
PXPTPU12RAM03ACL010PUR
PXPPVC12RAM03ACL020PVC
PXPTPU12RAM03ACL020PUR
PXPPVC12RAM03ACL030PVC
PXPTPU12RAM03ACL030PUR
PXPPVC12RAM03ACL050PVC
PXPTPU12RAM03ACL050PUR
PXPPVC12RAM03ACL100PVC
PXPTPU12RAM03ACL100PUR
PXPPVC12RAM03ACL150PVC
PXPTPU12RAM03ACL150PUR
PXPPVC12RAM04ACL010PVC
PXPTPU12RAM04ACL010PUR
PXPPVC12RAM04ACL020PVC
PXPTPU12RAM04ACL020PUR
PXPPVC12RAM04ACL030PVC
PXPTPU12RAM04ACL030PUR
PXPPVC12RAM04ACL050PVC
PXPTPU12RAM04ACL050PUR
PXPPVC12RAM04ACL100PVC
PXPTPU12RAM04ACL100PUR
PXPPVC12RAM04ACL150PVC
PXPTPU12RAM04ACL150PUR
PXPPVC12RAM05ACL010PVC
PXPTPU12RAM05ACL010PUR
PXPPVC12RAM05ACL020PVC
PXPTPU12RAM05ACL020PUR
PXPPVC12RAM05ACL030PVC
PXPTPU12RAM05ACL030PUR
PXPPVC12RAM05ACL050PVC
PXPTPU12RAM05ACL050PUR
PXPPVC12RAM05ACL100PVC
PXPTPU12RAM05ACL100PUR
PXPPVC12RAM05ACL150PVC
PXPTPU12RAM05ACL150PUR
PXPPVC12RAM08ACL010PVC
PXPTPU12RAM08ACL010PUR
PXPPVC12RAM08ACL020PVC
PXPTPU12RAM08ACL020PUR
PXPPVC12RAM08ACL030PVC
PXPTPU12RAM08ACL030PUR
PXPPVC12RAM08ACL050PVC
PXPTPU12RAM08ACL050PUR
PXPPVC12RAM08ACL100PVC
PXPTPU12RAM08ACL100PUR
PXPPVC12RAM08ACL150PVC
PXPTPU12RAM08ACL150PUR
Part No.
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
Poles
03
03
03
03
03
03
03
03
03
03
03
03
04
04
04
04
04
04
04
04
04
04
04
04
05
05
05
05
05
05
05
05
05
05
05
05
08
08
08
08
08
08
08
08
08
08
08
08
Code
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Termination
Cable Material
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
3, 4, 5, 8 & 12 Poles
1, 2, 3, 5, 10 & 15m Cable Options
Overmold Flex Inline Body
Mates with Flex Body &
Panel Mount Connector
Circular Automation Connectors
M12 Series
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
Lead Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com