Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM04DCL050PVC Datasheet(PDF) 15 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM04DCL050PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM04DCL050PVC Datasheet(HTML) 15 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM04DCL050PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 19Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
180
Circular Automation Connectors
4 Poles
0.3, 0.6, 1 & 2m Cable Options
Overmold Flex Inline Body to
Flex In-Line
Mates with Flex Body & Panel
Mount Connectors
Circular Automation Connectors
M12 Series
PXPPNP12FBF04AFI003PUR
PXPPNP12FBF04AFI006PUR
PXPPNP12FBF04AFI010PUR
PXPPNP12FBF04AFI020PUR
Part No.
A
A
A
A
Poles
04
04
04
04
Code
Flex In-Line
Flex In-Line
Flex In-Line
Flex In-Line
Termination
Cable Material
PUR
PUR
PUR
PUR
0.3m
0.6m
1m
2m
Lead Length
PXPPNP12FBF
M12 Flex Body To Flex In-Line
4 Poles
0.3, 0.6, 1 & 2M Cable Options
Overmold Flex Inline Body to
Flex In-Line
Mates with Flex Body & Panel
Mount Connectors
PXPNPN12RAF04AFI003PUR
PXPNPN12RAF04AFI006PUR
PXPNPN12RAF04AFI010PUR
PXPNPN12RAF04AFI020PUR
Part No.
A
A
A
A
Poles
04
04
04
04
Code
Flex In-Line
Flex In-Line
Flex In-Line
Flex In-Line
Termination
Cable Material
PUR
PUR
PUR
PUR
0.3m
0.6m
1m
2m
Lead Length
PXPPNP12RAF
M12 Right Angle To Flex In-Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com