Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAT0402E1002FST1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PAT0402E1002FST1
Description  Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAT0402E1002FST1 Datasheet(HTML) 1 Page - Vishay Siliconix

  PAT0402E1002FST1 Datasheet HTML 1Page - Vishay Siliconix PAT0402E1002FST1 Datasheet HTML 2Page - Vishay Siliconix PAT0402E1002FST1 Datasheet HTML 3Page - Vishay Siliconix PAT0402E1002FST1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAT
www.vishay.com
Vishay Dale Thin Film
Revision: 27-Nov-2019
1
Document Number: 60024
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Automotive Thin Film Chip Resistors,
AEC-Q200 Qualified, 2 kV ESD Rating
These
chip
resistors
are
available
in
wraparound
terminations styles in 8 case sizes. They incorporate self
passivated enhanced tantalum nitride resistor film to give
superior performance on moisture resistance, electrostatic
discharge,
voltage
coefficient,
power
handling
and
resistance stability. The terminations consist of an adhesion
layer, a leach resistant nickel barrier, and solder coating
(lead
(Pb)-free).
This
product
will
out-perform
all
requirements of AEC-Q200.
CONSTRUCTION
FEATURES
• Resistance range: 2.5
 to 3 M
• AEC-Q200 qualified
• AEC-Q200 ESD rated class 1C (2 kV)
• Laser trimmed to any value
• Moisture resistant to MIL-STD-202, method 202
• Tantalum nitride resistor film on high purity
alumina substrate
• 100 % visual inspected per MIL-PRF-55342
• Laser-trimmed tolerances to ± 0.1 %
• Load life stability < 0.05 % at 1000 h at 70 °C
• Very low noise and voltage coefficient
(< -30 dB, < 0.1 ppm/V)
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL PERFORMANCE
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Solder
Coating
Passivation
Tantalum Nitride
Resistive Film
ABSOLUTE
TCR
25
TOL.
0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Tantalum nitride
-
Resistance Range
2.5
 to 3 M
-
TCR: Absolute
± 25 ppm/°C to ± 100 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.1 % to ± 1.0 %
+25 °C
Stability: Absolute
± 0.05 %
2000 h at 70 °C rated power
Stability: Ratio
Not applicable
-
Voltage Coefficient
Less than 0.1 ppm/V
-
Working Voltage
75 V to 200 V
-
Operating Temperature Range
-55 °C to +155 °C
-
Storage Temperature Range
-55 °C to +155 °C
-
Noise
< -30 dB
-
Shelf Life Stability: Absolute
100 ppm
1 year at 25 °C
COMPONENT RATINGS
CASE SIZE
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
)
0402
50
75
20 to 51K
0603
150
75
2.5 to 130K
0805
200
100
10 to 301K
1206
400
200
10 to 1M
1505
400
150
10 to 1M
2208
750
150
10 to 1.75M
2010
800
200
10 to 2M
2512
1000
200
10 to 3M


Similar Part No. - PAT0402E1002FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAT0402E1002BST1 VISHAY-PAT0402E1002BST1 Datasheet
88Kb / 3P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
25-Aug-10
PAT0402E1002DST1 VISHAY-PAT0402E1002DST1 Datasheet
88Kb / 3P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
25-Aug-10
More results

Similar Description - PAT0402E1002FST1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAT VISHAY-PAT Datasheet
88Kb / 3P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
25-Aug-10
VMN-PT9192-1302 VISHAY-VMN-PT9192-1302 Datasheet
635Kb / 2P
Automotive Qualified Professional and Precision Thin Film Chip Resistors
21-Jan-13
PATT VISHAY-PATT Datasheet
94Kb / 4P
Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
17-Sep-13
PAT VISHAY-PAT_15 Datasheet
104Kb / 4P
Precision Automotive Thin Film Chip Resistors,AEC-Q200 Qualified, 2 kV ESD Rating
07-Sep-15
logo
TE Connectivity Ltd
3521 TEC-3521 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
3522 TEC-3522 Datasheet
269Kb / 7P
SMD POWER RESISTORS - AEC-Q200 QUALIFIED
logo
Vishay Siliconix
PATT VISHAY-PATT_V01 Datasheet
96Kb / 4P
Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
08-Mar-2021
PAT VISHAY-PAT_V01 Datasheet
107Kb / 4P
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, Hi-Rel COTS
28-Jun-2021
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
27-May-2021
CHA VISHAY-CHA Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com