Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KAM10 Datasheet(PDF) 3 Page - Multicomp Pro

Part # KAM10
Description  Encapsulated PSU KAM10 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KAM10 Datasheet(HTML) 3 Page - Multicomp Pro

  KAM10 Datasheet HTML 1Page - Multicomp Pro KAM10 Datasheet HTML 2Page - Multicomp Pro KAM10 Datasheet HTML 3Page - Multicomp Pro KAM10 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Encapsulated PSU
KAM10 Series
Page <3>
24/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Control Protection
Input fuse
T2A / 250 V ac internal
Output short circuit
By current limited
Mechanism and Pin Configuration
Dimensions : Millimetres
Bottom View
Physical Characteristics
Case size
76.2 × 50.8 × 22.6 mm (3 × 2 × 0.89 inches)
Case material
Plastic
Weight
160 g
General Pin Assignment
Pin Number
1
2
3
4
5
6
Single
AC IN
AC IN
Vo-
Trim
No Pin
Vo+
Dual
Vo- or +3.3V
No Pin
com
Vo+ or +5V
Derating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com