Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4060 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX4060
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4060 Datasheet(HTML) 4 Page - Analog Devices

  MAX4060 Datasheet HTML 1Page - Analog Devices MAX4060 Datasheet HTML 2Page - Analog Devices MAX4060 Datasheet HTML 3Page - Analog Devices MAX4060 Datasheet HTML 4Page - Analog Devices MAX4060 Datasheet HTML 5Page - Analog Devices MAX4060 Datasheet HTML 6Page - Analog Devices MAX4060 Datasheet HTML 7Page - Analog Devices MAX4060 Datasheet HTML 8Page - Analog Devices MAX4060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(VCC = 3V for MAX4061/MAX4062, VCC = 5V for MAX4060, VGND = 0V, VSHDN = VCC, VINT/AUX = 0V, RG = 11.11kΩ,
RL = 100kΩ to 1.5V, RBIAS = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Note 1: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed
by design, not production tested.
Note 2: MAX4062 requires a 1μF capacitor from BIAS to ground.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Rejection Ratio
PSRR
MAX4060
IBIAS = 0.8mA to GND,
VCC = 4.5V to 5.5V
50
80
dB
IBIAS = 0.8mA, VCC = 5V
+ 100mVP-P, f = 1kHz
70
MAX4062
IBIAS = 0.5mA to GND,
VCC = 2.4V to 5.5V
50
74
IBIAS = 0.5mA, VCC = 3V
+ 100mVP-P, f = 1kHz
71
DIGITAL INPUTS (SHDN for MAX4061 and INT/AUX for MAX4060/MAX4062)
Input Leakage Current
IIN
VIN = 0V or VCC
±1
µA
Input-Voltage High
VINH
0.7 x
VCC
V
Input-Voltage Low
VINL
0.3 x
VCC
V
Shutdown Enable Time
tON
MAX4061
10
µs
Shutdown Disable Time
tOFF
MAX4061
10
µs
www.analog.com
Analog Devices │ 4
MAX4060/MAX4061/
MAX4062
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com