Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC060SMB120SD Datasheet(PDF) 9 Page - Microchip Technology

Part # MSC060SMB120SD
Description  1200V, 60 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC060SMB120SD Datasheet(HTML) 9 Page - Microchip Technology

Back Button MSC060SMB120SD Datasheet HTML 5Page - Microchip Technology MSC060SMB120SD Datasheet HTML 6Page - Microchip Technology MSC060SMB120SD Datasheet HTML 7Page - Microchip Technology MSC060SMB120SD Datasheet HTML 8Page - Microchip Technology MSC060SMB120SD Datasheet HTML 9Page - Microchip Technology MSC060SMB120SD Datasheet HTML 10Page - Microchip Technology MSC060SMB120SD Datasheet HTML 11Page - Microchip Technology MSC060SMB120SD Datasheet HTML 12Page - Microchip Technology MSC060SMB120SD Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MSC060SMB120SD
Package Specification
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004024A - 9
2.
Package Specification
This section shows the package specification of this device.
2.1.
Package Outline Drawing
The following figure illustrates the TO-263-7L XL package outline of this device.
Figure 2-1. Package Outline Drawing
SEATING
PLANE
TOP VIEW
SIDE VIEW
END VIEW
0.10
C A B
E
2
7X b
e
C
BOTTOM VIEW
A
D1
E2
c2
A
A1
c
(DATUM A)
E
E1
D
L1
L
A2
L2
b2
12
345
67
(4.63)
(Ø1.6)
B
H
0.10
C A B
Ø
The following table shows the TO-263-7L XL dimensions and should be used in conjunction with the
package outline drawing.
Table 2-1. TO-263-7L XL Dimensions
Symbol
Description
Min. (mm)
Max. (mm)
N
Number of leads
7
e
Pitch
1.27 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com