Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC080SMB120SDT/RVAO Datasheet(PDF) 8 Page - Microchip Technology

Part # MSC080SMB120SDT/RVAO
Description  1200V, 80 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMB120SDT/RVAO Datasheet(HTML) 8 Page - Microchip Technology

Back Button MSC080SMB120SDT/RVAO Datasheet HTML 4Page - Microchip Technology MSC080SMB120SDT/RVAO Datasheet HTML 5Page - Microchip Technology MSC080SMB120SDT/RVAO Datasheet HTML 6Page - Microchip Technology MSC080SMB120SDT/RVAO Datasheet HTML 7Page - Microchip Technology MSC080SMB120SDT/RVAO Datasheet HTML 8Page - Microchip Technology MSC080SMB120SDT/RVAO Datasheet HTML 9Page - Microchip Technology MSC080SMB120SDT/RVAO Datasheet HTML 10Page - Microchip Technology MSC080SMB120SDT/RVAO Datasheet HTML 11Page - Microchip Technology MSC080SMB120SDT/RVAO Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MSC080SMB120SD
Device Specifications
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00005735B - 8
Figure 1-17. Forward Safe Operating Area
1
10
100
1000
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
100 µs
10 ms
10 µs
1 ms
TC = 100 °C
Figure 1-18. Maximum Transient Thermal Impedance
1×10-6
1×10-5
1×10-4
1×10-3
1×10-2
1×10-1
1×100
0.001
0.01
0.1
1
Pulse Duration (seconds)
0.7
0.05
D = 0.9
0.1
Single Pulse
0.5
0.3
The following figure shows the switching waveform diagram of this device.
Figure 1-19. Switching Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com