Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9338 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9338
Description  QUAD LOW SIDE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9338 Datasheet(HTML) 1 Page - STMicroelectronics

  L9338 Datasheet HTML 1Page - STMicroelectronics L9338 Datasheet HTML 2Page - STMicroelectronics L9338 Datasheet HTML 3Page - STMicroelectronics L9338 Datasheet HTML 4Page - STMicroelectronics L9338 Datasheet HTML 5Page - STMicroelectronics L9338 Datasheet HTML 6Page - STMicroelectronics L9338 Datasheet HTML 7Page - STMicroelectronics L9338 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L9338
QUAD LOW SIDE DRIVER
WIDE INPUT VOLTAGE RANGE FROM -24V
UP TO +45V
WIDE
OPERATING
SUPPLY
VOLTAGE
RANGE FROM 4.5V UP TO 32V
REVERSE BIASING PROTECTED (VS = -24V)
VERY LOW STANDBY QUIESCENT CUR-
RENT < 2
µA
PROGRAMMABLE SIGNAL TRANSFER PO-
LARITY
TTL AND CMOS COMPATIBLE INPUTS
DEFINED OUTPUT OFF STATE OFF FOR
OPEN INPUTS
FOUR OPEN DRAIN DMOS OUTPUTS, WITH
RDSon = 1.5
Ω at 25°C and VS >6V
OUTPUT CURRENT LIMITATION
CONTROLLED OUTPUT SLOPE FOR LOW EMI
OVERTEMPERATURE SHUT-DOWN
INTEGRATED
OUTPUT
CLAMPING
FOR
FAST INDUCTIVE RECIRCULATION VFB >45V
STATUS MONITORING FOR
- OVERTEMPERATURE
- DISCONNECTED GROUND OR SUPPLY
VOLTAGE
ESD: ALL PINS ARE GUARANTEED TILL 2kV
HUMAN BODY MODEL
DESCRIPTION
The L9338 is a monolithic integrated quad low
side driver realized in advanced Multipower-BCD
technology. It is intended to drive lines, lamps or
relais in automotive or industrial applications.
March 2000
®
=&
THERMAL
SHUTDOWN
CHANNEL 1
DIAGNOSTIC
LOGIC
4
REFERENCE
Vint
Vlogic
CHANNEL 4
IN4
IN1
PRG
EN
VS
GND
OUT4
OUT1
DIAG
D95AT149
BLOCK DIAGRAM
ORDERING NUMBERS: L9338D (SO20)
L9338MD (SO20 (12+4+4))
1/8


Similar Part No. - L9338

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9338 HAMAMATSU-L9338 Datasheet
57Kb / 2P
Infrared LED
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
172Kb / 14P
Quad low side driver
16-Sep-2013
logo
Hamamatsu Corporation
L9338 HAMAMATSU-L9338_15 Datasheet
156Kb / 4P
Infrared LED
More results

Similar Description - L9338

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
Quad Low-side Driver
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com