Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9346 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9346
Description  QUAD INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9346 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9346 Datasheet HTML 4Page - STMicroelectronics L9346 Datasheet HTML 5Page - STMicroelectronics L9346 Datasheet HTML 6Page - STMicroelectronics L9346 Datasheet HTML 7Page - STMicroelectronics L9346 Datasheet HTML 8Page - STMicroelectronics L9346 Datasheet HTML 9Page - STMicroelectronics L9346 Datasheet HTML 10Page - STMicroelectronics L9346 Datasheet HTML 11Page - STMicroelectronics L9346 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CIRCUIT DESCRIPTION
The L9346 is a quad low side driver for inductive
loads like valves in automotive environment. The
internal pull down current sources
at the EN-
ABLE and INPUT pins assure in case of open in-
put conditions that the device is switched off. An
output voltage slope limitation for du/dt is imple-
mented to reduce the EMI. An integrated active
flyback voltage limitation clamps the output volt-
age during the flyback phase to 50 V.
Each driver is protected against short circuit at
VOUT < 32V and thermal overload. In short circuit
condition the output will be disabled after a short
delay time tDOL. The thermal disable for TJ >
180
°C of the output will be reseted if the junction
temperature decreases about 20
°C below the dis-
able threshold temperature.
The overtemperatureinformation is stored until IN = L.
For the real time error diagnosis the voltage and
the current of the outputs are compared with in-
ternal fixed values VOUV for OFF and IOUC for ON
conditions to recognize open load (RL
≥ 20 KΩ,
RL >38
Ω) in OFF and ON conditions.
Also the output voltages VO1 - 4 are compared to
each other output in OFF condition with a fixed
offset of
∆VOUV to recognize load bypasses. To
suppress the
∆VOUV diagnoses during the flyback
phases of the compared output, the
∆VOUV diag-
nostic includes a latch function.
Reaching the flyback clamping voltage VOCL the
diagnostic signal is reseted by a latch. To activate
again this kind of diagnostic a low signal at the
correspondent INPUT or the ENABLE pin must
be applied (see also Fig.3). The outputs 1 and 4
are compared for
∆VOUV and also outputs 2 and 3
are compared.
The diagnostic output level in connection with dif-
ferent ENABLE and INPUT conditions allows to
recognize different fail states, like overtemp, short
to VSS, short to GND, bypass to GND and
dis-
connected load (see diagnostic table).
The diagnostic output is protected against short
circuit. Exceeding the over load current threshold
IOOC, the output current will be limited internally
during the diagnostic overload delay switch-off
time tDOL.
The device complies the ISO pulses imposed to
the supply voltage of the valves without any fail-
ures of the functionality.
5V
t
t
5V
t
5A
3A
IN
V
I O
I OOL
I OUC
D
V
t
DOL
Figure 3. Diagnostic Overload Delay Time
L9346
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com