Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMKDB1120FS85NPPR Datasheet(PDF) 39 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 35Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 36Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 37Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 38Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 39Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 40Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 41Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 42Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
8.3.4.4 Accurate Output Impedance
The LMKDB family supports both 100Ω LP-HCSL and 85Ω LP-HCSL. The output impedance is accurately
trimmed to ±5%. This helps improve impedance matching and clock signal integrity.
8.3.4.5 Programmable Output Impedance
The LMKDB1102 offers pin mode option to select 100Ω or 85Ω LP-HCSL output impedance provides flexibility
in design. Output impedance can be selected using ZOUT_SEL pin on the device as shown in Table 8-6. If left
floating, 85Ω output impedance is selected by default through an internal pulldown resistor.
Table 8-6. Programmable Output Impedance
ZOUT_SEL
Output Impedance
Low
85Ω
High
100Ω
8.3.4.6 Fail-Safe Outputs
LMKDB110x with suffix "FS" devices as listed in Device Comparison have fail-safe outputs. Fail-safe means
outputs can be driven to VDD when device power is off without causing any leakage or reliability problem. This
feature provides additional flexibility in design for clock output routing on FLEXIO pins in the system.
8.4 Device Functional Modes
8.4.1 SMBus Mode
In SMBus mode, LMKDB11xx device SMBus registers can be written and read through SMBus pins. Pin SADR1
and SADR0 set the SMBus address.
SADR1
SADR0
8-Bit SMBus Address (R/W Bit = 0)
Low
Low
0xD8
Low
Float
0xDA
Low
High
0xDE
Float
Low
0xC2
Float
Float
0xC4
Float
High
0xC6
High
Low
0xCA
High
Float
0xCC
High
High
0xCE
Table 8-7. Command Code Definition
BIT
DESCRIPTION
7
0 = Block Read or Block Write operation
1 = Byte Read or Byte Write operation
(6:0)
Register address for Byte operations, or starting register address for Block, operations
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855F – NOVEMBER 2023 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com