Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3SASL Datasheet(PDF) 1 Page - Weller Tools

Part # 3SASL
Description  Precision tweezers with pointed tips for work in microelectronics. Same as 3SA, but economy model.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

3SASL Datasheet(HTML) 1 Page - Weller Tools

  3SASL Datasheet HTML 1Page - Weller Tools 3SASL Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFESSIONAL
Product Information
3SASL
Product no.: 3SASL
Precision tweezers with pointed tips for work in
microelectronics. Same as 3SA, but economy model.
source images
For applications in microelectronics, jewelrymaking,
watchmaking, medicine and laboratory technology
Suitable for delicate standard applications and
precision work on small components or wires
Special stainless steel, non-magnetic, non-rusting,
acid-proof, heat-resistant
The perfect Combination - Precision, design, symmetry and balance
Weller Erem™ has a wide range of Tweezers, each designed to be strong, comfortable and precise. Manufactured with uncompromising Swiss quality and created for worldwide
applications, including electronics assembly and healthcare, Weller Erem Tweezers are built to last. Feel the difference with Weller Erem™ – the proven choice. Every time.
Swiss
Made
PRECISION
TOOLS


Similar Part No. - 3SASL

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3SAC-S BIVAR-3SAC-S Datasheet
487Kb / 4P
STD PANEL MOUNT INDICATORS W/ WIRES
02/05/08
logo
Tyco Electronics
3SAC5013A1 MACOM-3SAC5013A1 Datasheet
284Kb / 2P
Crystal-can-Micro-miniature Relays
3SAC5013A2 MACOM-3SAC5013A2 Datasheet
284Kb / 2P
Crystal-can-Micro-miniature Relays
3SAC5013B1 MACOM-3SAC5013B1 Datasheet
284Kb / 2P
Crystal-can-Micro-miniature Relays
3SAC5013B2 MACOM-3SAC5013B2 Datasheet
284Kb / 2P
Crystal-can-Micro-miniature Relays
More results

Similar Description - 3SASL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
logo
PHOENIX CONTACT
PPS-STANDARD-I PHOENIX-PPS-STANDARD-I Datasheet
58Kb / 6P
as above, but with inch/metric measuring rail
logo
IDEAL-TEK SA
0.SA.DC.0 IDEAL-TEK-0.SA.DC.0 Datasheet
519Kb / 1P
High Precision - Diamond Tip Tweezers
00.SA.DC.0 IDEAL-TEK-00.SA.DC.0 Datasheet
518Kb / 1P
High Precision - Diamond Tip Tweezers
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
High Precision - Diamond Tip Tweezers
3.SA.DC.0 IDEAL-TEK-3.SA.DC.0 Datasheet
521Kb / 1P
High Precision - Diamond Tip Tweezers
35A.SA.DC.1 IDEAL-TEK-35A.SA.DC.1 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
4.SA.DC.0 IDEAL-TEK-4.SA.DC.0 Datasheet
505Kb / 1P
High Precision - Diamond Tip Tweezers
5.SA.DC.0 IDEAL-TEK-5.SA.DC.0 Datasheet
516Kb / 1P
High Precision - Diamond Tip Tweezers
65A.SA.DC.0 IDEAL-TEK-65A.SA.DC.0 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com