Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8808D-I/KDX Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN8808D-I/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D-I/KDX Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN8808D-I/KDX Datasheet HTML 5Page - Microchip Technology LAN8808D-I/KDX Datasheet HTML 6Page - Microchip Technology LAN8808D-I/KDX Datasheet HTML 7Page - Microchip Technology LAN8808D-I/KDX Datasheet HTML 8Page - Microchip Technology LAN8808D-I/KDX Datasheet HTML 9Page - Microchip Technology LAN8808D-I/KDX Datasheet HTML 10Page - Microchip Technology LAN8808D-I/KDX Datasheet HTML 11Page - Microchip Technology LAN8808D-I/KDX Datasheet HTML 12Page - Microchip Technology LAN8808D-I/KDX Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
LAN8808D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005833C-page 9
The LAN8808D is designed for two primary target applications:
• Switch Application
• SoC Application
Figure 2-2 details a 64 Gbps industrial Ethernet switch configuration example that is based on the Microchip VSC7546
SparX-5i and six LAN8808D PHYs. The 24x 1GbE + 4x 10GbE is a typical configuration for the 64 Gbps Stock Keeping
Unit. The SparX-5i industrial Ethernet switch family is available in 64 Gbps through 200 Gbps and supports up to
48x1GbE using twelve QSGMII interfaces.
Figure 2-3 details a typical 4 Gbps industrial Ethernet System-on-Chip (SoC) application using a single LAN8808D PHY.
FIGURE 2-2:
SWITCH APPLICATION
FIGURE 2-3:
SOC APPLICATION
VSC7546
SparX-5i-64
64 Gbps Industrial
Ethernet Switch
LAN8808D
Quad PHY
QSGMII
MDIO
LAN8808D
Quad PHY
QSGMII
LAN8808D
Quad PHY
QSGMII
LAN8808D
Quad PHY
QSGMII
LAN8808D
Quad PHY
QSGMII
LAN8808D
Quad PHY
QSGMII
SoC with
4x 1GbE
LAN8808D
Quad PHY
QSGMII
MDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com